Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 4 Page - Linear Technology

  LTC2452 Datasheet HTML 1Page - Linear Technology LTC2452 Datasheet HTML 2Page - Linear Technology LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2452
4
2452fb
The
l denotes the specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time
l
13
16.6
23
ms
fSCK
SCK Frequency Range
l
2
MHz
tlSCK
SCK Low Period
l
250
ns
thSCK
SCK High Period
l
250
ns
t1
CS Falling Edge to SDO Low Z
(Notes 7, 8)
l
0100
ns
t2
CS Rising Edge to SDO High Z
(Notes 7, 8)
l
0100
ns
t3
CS Falling Edge to SCK Falling Edge
l
100
ns
tKQ
SCK Falling Edge to SDO Valid
(Note 7)
l
0100
ns
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All voltage values are with respect to GND. VCC = 2.7V to 5.5V
unless otherwise specified.
VREFCM = VREF/2, FS = VREF
VIN = VIN+ – VIN–, –VREF ≤ VIN ≤ VREF; VINCM = (VIN+ + VIN–)/2.
Note 3. Guaranteed by design, not subject to test.
Note 4. Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
Guaranteed by design and test correlation.
Note 5:
CS = VCC. A positive current is flowing into the DUT pin.
Note 6: SCK = VCC or GND. SDO is high impedance.
Note 7: See Figure 4.
Note 8: See Figure 5.
Note 9: Input sampling current is the average input current drawn from the
input sampling network while the LTC2452 is actively sampling the input.
Note 10: A positive current is flowing into the DUT pin.
TIMING CHARACTERISTICS
Integral Nonlinearity, VCC = 5V
Integral Nonlinearity, VCC = 3V
Maximum INL vs Temperature
(TA = 25°C, unless otherwise noted)
DIFFERENTIAL INPUT VOLTAGE (V)
–5
1
3
2452 G01
–1
0
2
–2
–3
–1
–2
–3
–4
1234
0
5
TA = –45°C, 25°C
TA = 90°C
DIFFERENTIAL INPUT VOLTAGE (V)
–3
1
3
2452 G02
–1
0
2
–2
–3
–1
–2
12
0
3
TA = –45°C, 25°C, 90°C
TEMPERATURE (°C)
–50
1
3
2452 G03
–1
0
2
–2
–3
–25
25
50
75
0
100
VCC = VREF = 5V, 4.1V, 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com