Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 2Page - Linear Technology LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology LTC2452 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2452
6
2452fb
BLOCK DIAGRAM
PIN FUNCTIONS
SCK (Pin 1): Serial Clock Input. SCK synchronizes the serial
data output. While digital data is available (the ADC is not
in CONVERT state) and CS is LOW (ADC is not in SLEEP
state) a new data bit is produced at the SDO output pin
following every falling edge applied to the SCK pin.
GND (Pin 2): Ground. Connect to a ground plane through
a low impedance connection.
REF (Pin 3): Reference Input. The voltage on REF can have
any value between 2.5V and VCC. The reference voltage
sets the full-scale range.
VCC (Pin 4): Positive Supply Voltage. Bypass to GND
(Pin 2) with a 10μF capacitor in parallel with a low-se-
ries-inductance 0.1μF capacitor located as close to the
LTC2452 as possible.
IN– (Pin 5), IN+ (Pin 6):
Differential Analog Input.
CS (Pin 7): Chip Select (Active LOW) Digital Input. A
LOW on this pin enables the SDO digital output. A HIGH
on this pin places the SDO output pin in a high imped-
ance state.
SDO (Pin 8): Three-State Serial Data Output. SDO is used
for serial data output during the DATA OUTPUT state and
can be used to monitor the conversion status.
Exposed Pad (Pin 9): Ground. Must be soldered to PCB
ground. For prototyping purposes, this pad may remain
floating.
Figure 1. Functional Block Diagram
16-BIT ΔΣ
A/D CONVERTER
DECIMATING
SINC FILTER
SCK
REF
VCC
GND
IN+
IN–
SDO
CS
2452 BD
–
16-BIT ΔΣ
A/D CONVERTER
SPI
INTERFACE
INTERNAL
OSCILLATOR
3
4
7
8
1
2, 9
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com