Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 2 Page - Linear Technology

  LTC2452 Datasheet HTML 1Page - Linear Technology LTC2452 Datasheet HTML 2Page - Linear Technology LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2452
2
2452fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage (VIN+, VIN–).. –0.3V to (VCC + 0.3V)
Reference Voltage (VREF) .............. –0.3V to (VCC + 0.3V)
Digital Voltage (VSDO, VSCK, VCS).. –0.3V to (VCC + 0.3V)
(Notes 1, 2)
TOP VIEW
9
DD8 PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SCK
GND
REF
VCC
SDO
CS
IN+
IN–
C/I GRADE TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
SCK 1
GND 2
REF 3
VCC 4
8 SDO
7 CS
6 IN+
5 IN–
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
C/I GRADE TJMAX = 125°C, θJA = 140°C/W
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
(Note 3)
l
16
Bits
Integral Nonlinearity
(Note 4)
l
110
LSB
Offset Error
l
210
LSB
Offset Error Drift
0.02
LSB/°C
Gain Error
l
0.01
0.02
% of FS
Gain Error Drift
0.02
LSB/°C
Transition Noise
2.2
μVRMS
Power Supply Rejection DC
80
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2452CDDB#TRMPBF
LTC2452CDDB#TRPBF
LDNJ
8-Lead Plastic (3mm × 2mm) DFN
0°C to 70°C
LTC2452IDDB#TRMPBF
LTC2452IDDB#TRPBF
LDNJ
8-Lead Plastic (3mm × 2mm) DFN
–40°C to 85°C
LTC2452CTS8#TRMPBF
LTC2452CTS8#TRPBF
LTDPK
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2452ITS8#TRMPBF
LTC2452ITS8#TRPBF
LTDPK
8-Lead Plastic TSOT-23
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range................... –65°C to 150°C
Operating Temperature Range
LTC2452C ................................................ 0°C to 70°C
LTC2452I.............................................. –40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com