Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 10Page - Linear Technology LTC2452 Datasheet HTML 11Page - Linear Technology LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology LTC2452 Datasheet HTML 16Page - Linear Technology LTC2452 Datasheet HTML 17Page - Linear Technology LTC2452 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2452
14
2452fb
APPLICATIONS INFORMATION
PRESERVING THE CONVERTER ACCURACY
TheLTC2452isdesignedtominimizetheconversionresult’s
sensitivity to device decoupling, PCB layout, antialiasing
circuits, line and frequency perturbations. Nevertheless,
in order to preserve the high accuracy capability of this
part, some simple precautions are desirable.
Digital Signal Levels
Due to the nature of CMOS logic, it is advisable to keep input
digital signals near GND or VCC. Voltages in the range of
0.5V to VCC – 0.5V may result in additional current leakage
from the part. Undershoot and overshoot should also be
minimized, particularly while the chip is converting. It is
thus beneficial to keep edge rates of about 10ns and limit
overshoot and undershoot to less than 0.3V.
Noisy external circuitry can potentially impact the output
under 2-wire operation. In particular, it is possible to get
the LTC2452 into an unknown state if an SCK pulse is
missed or noise triggers an extra SCK pulse. In this situ-
ation, it is impossible to distinguish SDO = 1 (indicating
conversion in progress) from valid “1” data bits. As such,
CPOL = 1 is recommended for the 2-wire mode. The user
should look for SDO = 0 before reading data, and look
for SDO = 1 after reading data. If SDO does not return a
“0” within the maximum conversion time (or return a “1”
after a full data read), generate 16 SCK pulses to force a
new conversion.
Driving VCC and GND
In relation to the VCC and GND pins, the LTC2452 combines
internal high frequency decoupling with damping elements,
which reduce the ADC performance sensitivity to PCB
layout and external components. Nevertheless, the very
high accuracy of this converter is best preserved by careful
low and high frequency power supply decoupling.
A 0.1μF, high quality, ceramic capacitor in parallel with a
10μF ceramic capacitor should be connected between the
VCC and GND pins, as close as possible to the package.
The 0.1μF capacitor should be placed closest to the ADC
package. It is also desirable to avoid any via in the circuit
path, starting from the converter VCC pin, passing through
these two decoupling capacitors, and returning to the
converter GND pin. The area encompassed by this circuit
path, as well as the path length, should be minimized.
Furthermore, as shown in Figure 15, GND is used as the
negative reference voltage. It is thus important to keep the
GND line quiet and connect GND through a low-imped-
ance trace.
Very low impedance ground and power planes, and star
connections at both VCC and GND pins, are preferable.
The VCC pin should have two distinct connections: the
first to the decoupling capacitors described above, and
the second to the ground return for the power supply
voltage source.
Driving REF
A simplified equivalent circuit for REF is shown in Figure
15. Like all other A/D converters, the LTC2452 is only
as accurate as the reference it is using. Therefore, it is
important to keep the reference line quiet by careful low
and high frequency decoupling.
Figure 15. LTC2452 Analog Input/Reference Equivalent Circuit
RSW
15k
(TYP)
ILEAK
ILEAK
VCC
VCC
VCC
VCC
CEQ
0.35pF
(TYP)
IN+
IN–
GND
REF
2452 F15
RSW
15k
(TYP)
ILEAK
ILEAK
RSW
15k
(TYP)
ILEAK
ILEAK
RSW
15k
(TYP)
ILEAK
ILEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com