Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology LTC2452 Datasheet HTML 16Page - Linear Technology LTC2452 Datasheet HTML 17Page - Linear Technology LTC2452 Datasheet HTML 18Page - Linear Technology LTC2452 Datasheet HTML 19Page - Linear Technology LTC2452 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC2452
18
2452fb
TYPICAL APPLICATION
0.1μF
VCC
IN+
IN–
2452 TA02
0.1μF
9
2
4
3
0.1μF
0.1μF
0.1μF
1k
1k
4
2
GND
GND
1μF
1μF
1k
IN
OUT
U2
LT6660HCDC-5
V+
31
5
6
8
1
7
VCC
VCC
GND
REF+
10V
5V
CS
SCK/SCL
MOSI/SDA
MISO/SDO
GND GND GND
1
2
6
4
7
5
1μF
VCC V
+
13
8
3
TO
CONTROLLER
CS SCK SDO
12 3
EXT
+5V
JP1
U1*
IN+
REF+
REF–
VCC
GND
IN–
LTC2452
CS
SCK
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com