Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4253AIGN-ADJ Datasheet HTML 4Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 10Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 11Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4253A-ADJ
8
4253a-adjf
EN2 (Pin 1/Pin 18): Power Good Status Output Two
Enable. This is a TTL compatible input that is used to
control PWRGD2 and PWRGD3 outputs. When EN2 is
driven low, both PWRGD2 and PWRGD3 will go high.
When EN2 is driven high, PWRGD2 will go low provided
PWRGD1 has been active for more than one power good
sequence delay (tSQT) provided by the sequencing timer.
EN2 can be used to control the power good sequence. This
pin is internally pulled low by a 120
µA current source.
PWRGD2 (Pin 2/Pin 19): Power Good Status Output Two.
Power good sequence starts with DRAIN going below
2.39V and GATE is within 2.8V on VIN. PWRGD2 will latch
active low after EN2 goes high and after one power good
sequence delay tSQT provided by the sequencing timer
from the time PWRGD1 goes low, whichever comes later.
PWRGD2 is reset by PWRGD1 going high or EN2 going
low. This pin is internally pulled high by a 50
µA current
source.
PWRGD1 (Pin 3/Pin 20): Power Good Status Output One.
At start-up, PWRGD1 latches active low one tSQT after both
DRAIN is below 2.39V and GATE is within 2.8V of VIN.
PWRGD1 status is reset by undervoltage, VIN (UVLO),
RESET going high or circuit breaker fault time-out. This
pin is internally pulled high by a 50
µA current source.
VIN (Pin 4/Pin 1): Positive Supply Input. Connect this pin
to the positive side of the supply through a dropping
resistor. A shunt regulator clamps VIN at 13V above VEE.
An internal undervoltage lockout (UVLO) circuit holds
GATE low until the VIN pin is greater than VLKO (9V),
overriding undervoltage and overvoltage events. If there is
no undervoltage, no overvoltage and VIN comes out of
UVLO, TIMER starts an initial timing cycle before initiating
GATE ramp up. If VIN drops below approximately 8.5V,
GATE pulls low immediately.
RESET (Pin 5/Pin 2): Circuit Breaker Reset Pin. This is an
asynchronous TTL compatible input. RESET going high
will pull GATE, SS, TIMER, SQTIMER low and the PWRGD
outputs high. The RESET pin has an internal glitch filter
that rejects any pulse < 20
µs. After the reset of a latched
fault, the chip waits for the interlock conditions before
recovering as described in Interlock Conditions in the
Operation section.
SS (Pin 6/Pin 3): Soft-Start Pin. This pin is used to ramp
inrush current during start up, thereby effecting control
over di/dt. A 20X attenuated version of the SS pin voltage
is presented to the current limit amplifier. This attenuated
voltage limits the MOSFET’s drain current through the
sense resistor during the soft-start current limiting. At the
beginning of the start-up cycle, the SS capacitor (CSS) is
ramped by a 28
µA current source. The GATE pin is held
low until SS exceeds 20 • VOS = 0.2V. SS is internally
shunted by a 50k RSS which limits the SS pin voltage to
1.4V. This corresponds to an analog current limit SENSE
voltage of 60mV.
SEL (Pin 7/Pin 4): Soft-Start Mode Select. This is an
asynchronous TTL compatible input. SEL has an internal
pull-up of 20
µA that will pull it high if it is floated. SEL
selects between two modes of SS ramp-up (see Applica-
tions Information, Soft-Start section).
SENSE (Pin 8/Pin 5): Circuit Breaker/Current Limit Sense
Pin. Load current is monitored by a sense resistor RS
connected between SENSE and VEE, and controlled in
three steps. If SENSE exceeds VCB (50mV), the circuit
breaker comparator activates a (200
µA+8•IDRN) TIMER
pull-up current. If SENSE exceeds VACL (60mV), the
analog current-limit amplifier pulls GATE down to regulate
the MOSFET current at VACL/RS. In the event of a cata-
strophic short-circuit, SENSE may overshoot VACL. If
SENSE reaches VFCL (200mV), the fast current-limit com-
parator pulls GATE low with a strong pull-down. To disable
the circuit breaker and current limit functions, connect
SENSE to VEE.
VEE (Pins 9, 10/Pin 7): Negative Supply Voltage Input.
Connect this pin to the negative side of the power supply.
GATE (Pin 11/Pin 8): N-channel MOSFET Gate Drive
Output. This pin is pulled high by a 50
µA current source.
GATE is pulled low by invalid conditions at VIN (UVLO),
undervoltage, overvoltage, during the initial timing cycle,
a circuit breaker fault time-out or the RESET pin going
high. GATE is actively servoed to control the fault current
as measured at SENSE. Compensation capacitor, CC, at
GATE stabilizes this loop. A comparator monitors GATE to
ensure that it is low before allowing an initial timing cycle,
then the GATE ramps up after an overvoltage event or
PI FU CTIO S (SSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com