Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4253AIGN-ADJ Datasheet HTML 18Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 19Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 20Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 21Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 22Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 23Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 24Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 25Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4253A-ADJ
22
4253a-adjf
APPLICATIO S I FOR ATIO
TIMING WAVEFORMS
System Power-Up
Figure 8 details the timing waveforms for a typical power-
up sequence in the case where a board is already installed
in the backplane and system power is applied abruptly. At
4253A F08
GATE
START-UP
INITIAL TIMING
VLKO
VGATEL
GND – VEE OR
(–48RTN) – (–48V)
OVL
OV
VIN
TIMER
GATE
SENSE
VOUT
12
3 4 56
7
89
SS
DRAIN
PWRGD1
AB
PWRGD2
PWRGD3
SQTIMER
EN2
EN3
CD
VUVHI
VOVLO
VIN CLEARS VLKO, CHECK UV > VUVHI, OVL < VOVLO, RESET < 0.8V, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
E
VSQTMRL
5
µA
5
µA
VSQTMRH
VIH
VIH
VTMRH
VACL
VCB
VTMRL
20 • (VACL + VOS)
20 • (VCB + VOS)
20 • VOS
5
µA
50
µA
5
µA
5
µA
50
µA
50
µA
VDRNCL
VDRNL
VIN – VGATEH
200
µA + 8 • IDRN
UVL
UV
time point 1, the supply ramps up, together with UV/OV,
VOUT and DRAIN. VIN and the PWRGD signals follow at a
slower rate as set by the VIN bypass capacitor. At time
point 2, VIN exceeds VLKO and the internal logic checks for
UV > VUVHI, OVL < VOVLO, RESET < 0.8V, GATE < VGATEL,
SENSE < VCB, SS < 20 • VOS, and TIMER < VTMRL. When
Figure 8. System Power-Up Timing (All Waveforms are Referenced to VEE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com