Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4253AIGN-ADJ Datasheet HTML 17Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 18Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 19Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 20Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 21Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 22Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 23Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 24Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4253A-ADJ
21
4253a-adjf
The analog current limit loop cannot control this current
flow and therefore the loop undershoots. This effect
cannot be eliminated by frequency compensation. A zener
diode is required to clamp the input supply voltage and
prevent MOSFET avalanche.
APPLICATIO S I FOR ATIO
Actual board evaluation showed that CSS = 100nF was
appropriate. The ratio (RSS • CSS) to tCL(CHARGE) is a good
gauge as large ratios may result in the time-out period
expiring prematurely. This gauge is determined empiri-
cally with board level evaluation.
SUMMARY OF DESIGN FLOW
To summarize the design flow, consider the application
shown in Figure 1. It was designed for 80W and CL = 100µF.
Calculate maximum load current: 80W/43V = 1.86A;
allowing for 83% converter efficiency, IIN(MAX) = 2.2A.
Calculate RS: from Equation 9 RS = 20mΩ.
Calculate ISHORT-CIRCUIT(MAX): from Equation 11
ISHORTCIRCUIT(MAX) = 3.3A.
Select a MOSFET that can handle 3.3A at 71V: IRF530S.
Calculate CT: from Equation 14 CT = 383nF. Select
CT = 680nF, which gives the circuit breaker time-out
period tMAX = 5.9ms.
Consult MOSFET SOA curves: the IRF530S can handle
3.3A at 100V for 8.3ms, so it is safe to use in this
application.
Calculate CSS:usingEquations15and16selectCSS = 33nF.
FREQUENCY COMPENSATION
The LTC4253A-ADJ typical frequency compensation net-
work for the analog current limit loop is a series RC (10Ω)
and CC connected from GATE to VEE. Figure 6 depicts the
relationship between the compensation capacitor CC and
the MOSFET’s CISS. The line in Figure 6 is used to select a
starting value for CC based upon the MOSFET’s CISS
specification. Optimized values for CC are shown for
several popular MOSFETs. Differences in the optimized
value of CC versus the starting value are small. Neverthe-
less, compensation values should be verified by board
level short-circuit testing.
As seen in Figure 5, at the onset of a short-circuit event, the
input supply voltage can ring dramatically due to series
inductance. If this voltage avalanches the MOSFET, cur-
rent continues to flow through the MOSFET to the output.
Figure 6. Recommended Compensation
Capacitor CC vs MOSFET CISS
MOSFET CISS (pF)
4253A F06
0
50
45
40
35
30
25
20
15
10
5
0
2000
4000
6000
8000
IRF530S
IRF540S
IRF740
IRF3710
NTY100N10
SENSE RESISTOR CONSIDERATIONS
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4253A-
ADJ’s VEE and SENSE pins are strongly recommended.
The drawing in Figure 7 illustrates the correct way of
making connections between the LTC4253A-ADJ and the
sense resistor. PCB layout should be balanced and sym-
metrical to minimize wiring errors. In addition, the PCB
layout for the sense resistor should include good thermal
management techniques for optimal sense resistor power
dissipation.
Figure 7. Making PCB Connections to the Sense Resistor
W
CURRENT FLOW
FROM LOAD
CURRENT FLOW
TO –48V BACKPLANE
SENSE RESISTOR
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
TO
SENSE
TO
VEE
4253A F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com