Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 10Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 11Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 12Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 13Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 14Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 15Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 16Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4253A-ADJ
13
4253a-adjf
OPERATIO
comparator with a threshold of 200mV detects overshoot
and pulls GATE low much harder and hence much faster
than the weaker current limit loop. The VACL/RS current
limit loop then takes over, and servos the current as
previously described. As before, TIMER runs and shuts
down LTC4253A-ADJ when CT reaches 4V.
If CT reaches 4V, the LTC4253A-ADJ latches off with a 5µA
pull-up current source. The LTC4253A-ADJ circuit breaker
latch is reset by either pulling the RESET pin active high for
>20
µs, pulling UVL/UV momentarily low, dropping the
input voltage VIN below the internal UVLO threshold or
pulsing TIMER momentarily low with a switch.
Although short-circuits are the most obvious fault type,
several operating conditions may invoke overcurrent
protection. Noise spikes from the backplane or load, input
steps caused by the connection of a second, higher
voltage supply, transient currents caused by faults on
adjacent circuit boards sharing the same power bus or the
insertion of non-hot swappable products could cause
higher than anticipated input current and temporary de-
tection of an overcurrent condition. The action of TIMER
and CT rejects these events allowing the LTC4253A-ADJ
to “ride out” temporary overloads and disturbances that
could trip a simple current comparator and, in some
cases, blow a fuse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com