Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 2 Page - Linear Technology

  LTC4253AIGN-ADJ Datasheet HTML 1Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 2Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 3Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 4Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4253A-ADJ
2
4253a-adjf
GN PACKAGE
20-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
EN2
PWRGD2
PWRGD1
VIN
RESET
SS
SEL
SENSE
VEE
VEE
PWRGD3
EN3
SQTIMER
TIMER
UVL
UV
OVL
OV
DRAIN
GATE
Current into VIN (100µs Pulse) ........................... 100mA
Current into DRAIN (100
µs Pulse)........................ 20mA
VIN, DRAIN Minimum Voltage............................... –0.3V
Input/Output (Except SENSE
and DRAIN) Voltage ...................................– 0.3V to 16V
SENSE Voltage ..........................................– 0.6V to 16V
Current Out of SENSE (20
µs Pulse) .................. –200mA
Maximum Junction Temperature .......................... 125
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 95°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
LTC4253ACGN-ADJ
LTC4253AIGN-ADJ
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1) All voltages referred to VEE
Operating Temperature Range
LTC4253A-ADJC ..................................... 0
°C to 70°C
LTC4253A-ADJI .................................. – 40
°C to 85°C
Storage Temperature Range
SSOP ................................................ – 65
°C to 150°C
QFN .................................................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300
°C
ORDER PART
NUMBER
LTC4253ACUF-ADJ
LTC4253AIUF-ADJ
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
VIN
RESET
SS
SEL
SENSE
SQTIMER
TIMER
UVL
UV
OVL
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS VEEMUST BE SOLDERED TO PCB
UF PART
MARKING*
253AJ
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VZ
VIN – VEE Zener Voltage
IIN = 2mA
●
11.5
13
14.5
V
RZ
VIN – VEE Zener Dynamic Impedance
IIN = (2mA to 30mA)
5
Ω
IIN
VIN Supply Current
UV = UVL = OV = OVL = 4V, VIN = (VZ – 0.3V)
●
1.1
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (Rising VIN)
●
910
V
VLKH
VIN Undervoltage Lockout Hysteresis
●
0.25
0.5
0.75
V
VIH
TTL Input High Voltage
●
2V
VIL
TTL Input Low Voltage
●
0.8
V
VHYST
TTL Input Buffer Hysteresis
600
mV
IRESET
RESET Input Current
VEE ≤ VRESET ≤ VIN
●
±0.1
±10
µA
IEN
EN2, EN3 Input Current
VEN = 4V (Sinking)
●
60
120
180
µA
VEN = 0V
●
±0.1
±10
µA
Order Options Tape and Reel: Add #TR, Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF, Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com