Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 3 Page - Linear Technology

  LTC4253AIGN-ADJ Datasheet HTML 1Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 2Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 3Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 4Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC4253A-ADJ
3
4253a-adjf
ISEL
SEL Input Current
VSEL = 0V (Sourcing)
●
10
20
40
µA
VSEL = VIN
●
±0.1
±10
µA
VCB
Circuit Breaker Current Limit Voltage
VCB = (VSENSE – VEE)
●
45
50
55
mV
VACL
Analog Current Limit Voltage x%
VACL = (VSENSE – VEE), SS = Open or 1.4V
●
105
120
138
%
VCB
Circuit Breaker Current Limit Voltage
VFCL
Fast Current Limit Voltage
VFCL = (VSENSE – VEE)
●
150
200
300
mV
VSS
SS Voltage
After End of SS Timing Cycle
●
1.25
1.4
1.55
V
ISS
SS Pin Current
UV = UVL = OV = OVL = 4V,
●
16
28
40
µA
VSENSE = VEE, VSS = 0V (Sourcing)
UV = UVL = OV = OVL = 0V,
28
mA
VSENSE = VEE, VSS = 1V (Sinking)
RSS
SS Output Impedance
50
k
Ω
VOS
Analog Current Limit Offset Voltage
10
mV
VACL + VOS
Ratio (VACL + VOS) to SS Voltage
0.05
V/V
VSS
IGATE
GATE Pin Output Current
UV = UVL = OV = OVL = 4V, VSENSE = VEE,
●
30
50
70
µA
VGATE = 0V (Sourcing)
UV = UVL = OV = OVL = 4V, VSENSE – VEE = 0.15V,
17
mA
VGATE = 3V (Sinking)
UV = UVL = OV = OVL = 4V, VSENSE – VEE = 0.3V,
190
mA
VGATE = 1V (Sinking)
VGATE
External MOSFET Gate Drive
VGATE – VEE, IIN = 2mA
●
10
12
VZ
V
VGATEL
Gate Low Threshold
(Before Gate Ramp Up)
0.5
V
VGATEH
Gate High Threshold
VGATEH = VIN – VGATE,
2.8
V
For PWRGD1, PWRGD2, PWRGD3 Status
VUVHI
UV Pin Threshold
UV Low to High
●
3.05
3.08
3.11
V
VUVLO
UVL Pin Threshold
UVL High to Low
●
3.05
3.08
3.11
V
VOVHI
OV Pin Threshold
OV Low to High
●
5.04
5.09
5.14
V
VOVLO
OVL Pin Threshold
OVL High to Low
●
5.025
5.08
5.135
V
ISENSE
SENSE Pin Input Current
UV = UVL = OV = OVL = 4V, VSENSE = 50mV (Sourcing) ●
15
30
µA
IINP
UV, UVL, OV, OVL Pin Input Current
UV = UVL = OV = OVL = 4V
●
±0.1
±1
µA
VTMRH
TIMER Pin Voltage High Threshold
●
3.5
4
4.5
V
VTMRL
TIMER Pin Voltage Low Threshold
●
0.8
1
1.2
V
ITMR
TIMER Pin Current
Timer On (Initial Cycle/Latchoff, Sourcing), VTMR = 2V
●
357
µA
Timer Off (Initial Cycle, Sinking), VTMR = 2V
28
mA
Timer On (Circuit Breaker, Sourcing,
●
120
200
280
µA
IDRN = 0µA), VTMR = 2V
Timer On (Circuit Breaker, Sourcing,
600
µA
IDRN = 50µA), VTMR = 2V
Timer Off (Circuit Breaker, Sinking), VTMR = 2V
●
357
µA
∆ITMRACC
(ITMR at IDRN = 50µA – ITMR at IDRN = 0µA)
Timer On (Circuit Breaker with IDRN = 50µA)
●
789
µA/µA
∆IDRN
50
µA
VSQTMRH
SQTIMER Pin Voltage High Threshold
●
3.5
4
4.5
V
VSQTMRL
SQTIMER Pin Voltage Low Threshold
0.33
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com