Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253AIGN-ADJ Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 4 Page - Linear Technology

  LTC4253AIGN-ADJ Datasheet HTML 1Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 2Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 3Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 4Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4253A-ADJ
4
4253a-adjf
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISQTMR
SQTIMER Pin Current
SQTIMER On (Power Good Sequence, Sourcing),
●
357
µA
VSQTMR = 2V
SQTIMER On (Power Good Sequence, Sinking),
28
mA
VSQTMR = 2V
VDRNL
DRAIN Pin Voltage Low Threshold
For PWRGD1, PWRGD2, PWRGD3 Status
●
2
2.39
3
V
IDRNL
DRAIN Leakage Current
VDRAIN = 4V
±0.1
±1
µA
VDRNCL
DRAIN Pin Clamp Voltage
IDRN = 50µA
●
5
6
7.5
V
VPGL
PWRGD1, PWRGD2, PWRGD3 Signals
IPG = 1.6mA
●
0.25
0.4
V
Output Low Voltage
IPG = 5mA
●
1.2
V
IPGH
PWRGD1, PWRGD2, PWRGD3
VPG = 0V (Sourcing)
●
30
50
70
µA
Output High Current
tSQ
SQ Timer Default Ramp Period
SQTIMER Pin Floating,
250
µs
VSQTMR Ramps from 0.5V to 3.5V
tSS
SS Default Ramp Period
SS Pin Floating, VSS Ramps from 0.2V to 1.25V
140
µs
tPLLUG
UV Low to GATE Low
●
15
µs
tPHLOG
OV High to GATE Low
●
15
µs
TYPICAL PERFOR A CE CHARACTERISTICS
IIN vs VIN
VZ vs Temperature
IIN vs Temperature
TEMPERATURE (
°C)
–50
–25
12.0
13.0
14.5
0
50
75
4253A G01
12.5
14.0
13.5
25
100
125
IIN = 2mA
VIN (V)
0
10
100
20
4253A G02
1
0.1
5
10
15
1000
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TEMPERATURE (
°C)
–50
0.5
0.6
0.8
0.9
1.0
1.5
1.2
0
50
75
4253A G03
0.7
1.3
1.4
1.1
–25
25
100
125
VIN = VZ – 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com