Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 44Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 188 page
background image
Memory
FLASH 2TS Memory
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Memory
41
2.5.9 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby
modes.
2.5.9.1 Wait Mode
Putting the MCU into wait mode while the FLASH 2TS is in read mode does not
affect the operation of the FLASH 2TS memory directly, but there will be no
memory activity since the CPU is inactive.
The WAIT instruction should not be executed while performing a program or erase
operation on the FLASH 2TS. When the MCU is put into wait mode, the charge
pump for the FLASH 2TS is disabled so that either a program or erase operation
will not continue. If the memory is in either program mode (PGM = 1, HVEN = 1) or
erase mode (ERASE = 1, HVEN= 1), then it will remain in that mode during wait.
Exit from wait mode must now be done with a reset rather than an interrupt
because if exiting wait with an interrupt, the memory will not be in read mode and
the interrupt vector cannot be read from the memory.
2.5.9.2 Stop Mode
When the MCU is put into stop mode, if the FLASH 2TS is in read mode, it will be
put into low-power standby.
The STOP instruction should not be executed while performing a program or erase
operation on the FLASH 2TS. When the MCU is put into stop mode, the charge
pump for the FLASH 2TS is disabled so that either a program or erase operation
will not continue. If the memory is in either program mode (PGM = 1, HVEN = 1) or
erase mode (ERASE = 1, HVEN = 1), then it will remain in that mode during stop.
Exit from stop mode now must be done with a reset rather than an interrupt
because if exiting stop with an interrupt, the memory will not be in read mode and
the interrupt vector cannot be read from the memory.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com