Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 90Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 91Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 92Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 93Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
90
Internal Clock Generator Module (ICG)
MOTOROLA
6.7.2 ICG Multiplier Register
N6–N0 — ICG Multiplier Factor Bits
These read/write bits change the multiplier used by the internal
clock generator. The internal clock (ICLK) will be
(307.2 kHz
±25 percent) * N. A value of $00 in this register is interpreted the
same as a value of $01. This register cannot be written when the CMON bit is
set. Reset sets this factor to $15 (decimal 21) for default frequency of 6.45 MHz
±25 percent (1.613 MHz ±25 percent bus).
6.7.3 ICG Trim Register
TRIM7–TRIM0 — ICG Trim Factor Bits
These read/write bits change the size of the internal capacitor used by the
internal clock generator. By testing the frequency of the internal clock and
incrementing or decrementing this factor accordingly, the accuracy of the
internal clock can be improved to
±2 percent. Incrementing this register by 1
decreases the frequency by 0.195 percent of the unadjusted value.
Decrementing this register by one increases the frequency by 0.195 percent.
This register cannot be written when the CMON bit is set. Reset sets these bits
to $80, centering the range of possible adjustment.
NOTE:
It is recommended that the user preserve a copy of the contents of the ICG trim
register (ICGTR) in non-volitale memory.
Address $7FEF is reserved for an optional factory-determined ICG trim value.
Consult with a local Motorola representative for more information and availability of
this option.
Address: $0037
Bit 7
654321
Bit 0
Read:
R
N6N5
N4
N3N2N1N0
Write:
Reset:
00010101
R
= Reserved
Figure 6-12. ICG Multiplier Register (ICGMR)
Address: $0038
Bit 7
654321
Bit 0
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10000000
Figure 6-13. ICG Trim Register (ICGTR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com