Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 188 page
background image
Internal Clock Generator Module (ICG)
Usage Notes
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
79
6.4.4.2 Binary Weighted Divider
The binary weighted divider divides the output of the ring oscillator by a power of 2,
specified by the DCO divider control bits (DDIV[3:0]). DDIV maximizes at %1001
(values of %1010 through %1111 are interpreted as %1001), which corresponds
to a divide by 512. When DDIV is %0000, the ring oscillator’s output is divided by 1.
Incrementing DDIV by 1 will double the period; decrementing DDIV will halve the
period. The DLF cannot directly increment or decrement DDIV; DDIV is only
incremented or decremented when an addition or subtraction to DSTG carries or
borrows.
6.4.4.3 Variable-Delay Ring Oscillator
The variable-delay ring oscillator’s period is adjustable from 17 to 31 stage delays,
in increments of two, based on the upper three DCO stage control bits (DSTG[7:5]).
A DSTG[7:5] of %000 corresponds to 17 stage delays; DSTG[7:5] of %111
corresponds to 31 stage delays. Adjusting the DSTG[5] bit has a 6.45 percent to
11.8 percent effect on the output frequency. This also corresponds to the size
correction made when the frequency error is greater than
±15 percent. The value
of the binary weighted divider does not affect the relative change in output clock
period for a given change in DSTG[7:5].
6.4.4.4 Ring Oscillator Fine-Adjust Circuit
The ring oscillator fine-adjust circuit causes the ring oscillator to effectively operate
at non-integer numbers of stage delays by operating at two different points for a
variable number of cycles specified by the lower five DCO stage control bits
(DSTG[4:0]). For example, when DSTG[7:5] is %011, the ring oscillator nominally
operates at 23 stage delays. When DSTG[4:0] is %00000, the ring will always
operate at 23 stage delays. When DSTG[4:0] is %00001, the ring will operate at 25
stage delays for one of 32 cycles and at 23 stage delays for 31 of 32 cycles.
Table 6-3. Quantization Error in ICLK
DDIV[3:0]
ICLK Cycles
Bus Cycles
tICLK Q-ERR
%0000 (min)
4
1
1.61%–2.94%
%0000 (min)
≥ 32
≥ 8
0.202%–0.368%
%0001
4
1
0.806%–1.47%
%0001
≥ 16
≥ 4
0.202%–0.368%
%0010
4
1
0.403%–0.735%
%0010
≥ 8
≥ 2
0.202%–0.368%
%0011
≥ 4
≥ 1
0.202%–0.368%
%0100
≥ 2
≥ 1
0.202%–0.368%
%0101–%1001 (max)
≥ 1
≥ 1
0.202%–0.368%
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com