Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 47Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 48Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 49Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 50Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 188 page
background image
Computer Operating Properly Module (COP)
COP Control Register
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Computer Operating Properly Module (COP)
49
4.3.6 Reset Vector Fetch
A reset vector fetch occurs when the vector address appears on the data bus. A
reset vector fetch clears the COP prescaler.
4.3.7 COPD
The COPD signal reflects the state of the COP disable bit (COPD) in the
configuration register. (See Section 3. Configuration Register (CONFIG)).
4.3.8 COPRS
The COPRS signal reflects the state of the COP rate select bit (COPRS) in the
configuration register. (See Section 3. Configuration Register (CONFIG)).
4.4 COP Control Register
The COP control register is located at address $FFFF and overlaps the reset
vector. Writing any value to $FFFF clears the COP counter and starts a new
timeout period. Reading location $FFFF returns the low byte of the reset vector.
4.5 Interrupts
The COP does not generate CPU interrupt requests.
4.6 Monitor Mode
The COP is disabled in monitor mode when VTST is present on the IRQ pin or on
the RST pin.
4.7 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby
modes.
4.7.1 Wait Mode
The COP remains active in wait mode. To prevent a COP reset during wait mode,
periodically clear the COP counter in a CPU interrupt routine.
Address: $FFFF
Bit 7
654321
Bit 0
Read:
LOW BYTE OF RESET VECTOR
Write:
CLEAR COP COUNTER
Reset:
Unaffected by reset
Figure 4-2. COP Control Register (COPCTL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com