Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
74
Internal Clock Generator Module (ICG)
MOTOROLA
6.3.4.2 Internal Clock Activity Detector
The internal clock activity detector looks for at least one falling edge on the
low-frequency base clock (IBASE) every time the external reference (EREF) is low.
Since EREF is less than half the frequency of IBASE, this should occur every time.
If it does not occur two consecutive times, the internal clock inactivity indicator
(IOFF) is set. IOFF will be cleared the next time there is a falling edge of IBASE
while EREF is low.
The internal clock stable bit (ICGS) is set when IBASE is within approximately 5
percent of the target 307.2 kHz
±25 percent for two consecutive measurements.
ICGS is cleared when IBASE is outside the 5 percent of the target 307.2 kHz
±25
percent, the internal clock generator is disabled (ICGEN is clear), or when IOFF is
set.
6.3.4.3 External Clock Activity Detector
The external clock activity detector looks for at least one falling edge on the
external clock (ECLK) every time the internal reference (IREF) is low. Since IREF
is less than half the frequency of ECLK, this should occur every time. If it does not
occur two consecutive times, the external clock inactivity indicator (EOFF) is set.
EOFF will be cleared the next time there is a falling edge of ECLK while IREF is
low.
The external clock stable bit (ECGS) is also generated in the external clock activity
detector. ECGS is set on a falling edge of the external stabilization clock
(ESTBCLK). This will be 4096 ECLK cycles after the external clock generator on
bit (ECGON) is set. ECGS is cleared when the external clock generator is disabled
(ECGON is clear) or when EOFF is set.
6.3.5 Clock Selection Circuit
The clock selection circuit, shown in Figure 6-5, contains two clock switches which
generate the oscillator output clock (CGMXCLK) from either the internal clock
(ICLK) or the external clock (ECLK). The clock selection circuit also contains a
divide-by-two circuit which creates the clock generator output clock (CGMOUT),
which generates the bus clocks.
6.3.5.1 Clock Selection Switch
The clock select switch creates the oscillator output clock (CGMXCLK) from either
the internal clock (ICLK) or the external clock (ECLK), based on the clock select bit
(CS; set selects ECLK, clear selects ICLK). When switching the CS bit, both ICLK
and ECLK must be on (ICGON and ECGON set). The clock being switched to must
also be stable (ICGS or ECGS set).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com