Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 188 page
background image
General Description
Pin Assignments
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
General Description
19
Figure 1-3. Power Supply Bypassing
1.4.2 Oscillator Pins (OSC1 and OSC2)
The OSC1 and OSC2 pins are the connections to an external clock source or
crystal/ceramic resonator.
1.4.3 External Reset (RST)
A logic 0 on the RST pin forces the MCU to a known startup state. RST is
bidirectional, allowing a reset of the entire system. It is driven low when any internal
reset source is asserted.
The RST pin contains an internal pullup resistor.
For additional information, see Section 10. System Integration Module (SIM).
1.4.4 External Interrupt Pin (IRQ)
IRQ is an asynchronous external interrupt pin.
The IRQ pin contains an internal pullup resistor.
1.4.5 Port A Input/Output Pins (PTA7, PTA6/KBD6–PTA1/KBD1, and PTA0)
Port A is an 8-bit special function port that shares its pins with the keyboard
interrupt.
Six port A pins (PTA6–PTA1) can be programmed to serve as an external interrupt.
Once enabled, that pin will contain an internal pullup resistor.
All port A pins are high-current sink pins.
1.4.6 Port B Input/Output Pins (PTB3/TCLK, PTB2/TCH0, PTB1, and PTB0/MCLK)
Port B is a 4-bit, general-purpose, bidirectional I/O port, with some of its pins
shared with the timer (TIM) module.
MCU
VDD
CBulk
VSS
VDD
+
Note: Component values shown represent typical applications.
CBypass
0.1
µF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com