Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
82
Internal Clock Generator Module (ICG)
MOTOROLA
6.4.6.2 Settling to Within 5 Percent
Once the clock period is within 15 percent of the desired clock period, the filter
starts making smaller adjustments. When between 15 percent and 5 percent error,
each correction will adjust the clock period between 1.61 percent and 2.94 percent.
In this mode, a maximum of eight corrections will be required to get to less than 5
percent error. Since the clock period is relatively close to desired, each correction
takes approximately the same period of time, or 4*tIBASE. At this point, the internal
clock stable bit (ICGS) will be set and the clock frequency is usable, although the
error will be as high as 5 percent. The total time to this point is:
6.4.6.3 Total Settling Time
Once the clock period is within 5 percent of the desired clock period, the filter starts
making minimum adjustments. In this mode, each correction will adjust the
frequency between 0.202 percent and 0.368 percent. A maximum of 24 corrections
will be required to get to the minimum error. Each correction takes approximately
the same period of time or 4*tIBASE. Added to the corrections for 15 percent to 5
percent, this makes 32 corrections (128*tIBASE) to get from 15 percent to the
minimum error. The total time to the minimum error is:
The equations for t15, t5, and ttot are dependent on the actual initial and final clock
periods t1 and t2, not the nominal. This means the variability in the ICLK frequency
due to process, temperature, and voltage must be considered. Additionally, other
process factors and noise can affect the actual tolerances of the points at which the
filter changes modes. This means a worst case adjustment of up to 35 percent
(ICLK clock period tolerance plus 10 percent) must be added. This adjustment can
be reduced with trimming. Table 6-4 shows some typical values for settling time.
t
5
abs 44N t
1
t
2
–
()
[] 32t
IBASE
+
=
Table 6-4. Typical Settling Time Examples
t1
t2
N
t15
t5
ttot
1/ (6.45 MHz)
1/ (25.8 MHz)
84
430
µs
535
µs
850
µs
1/ (25.8 MHz)
1/ (6.45 MHz)
21
107
µs
212
µs
525
µs
1/ (25.8 MHz)
1/ (307.2 kHz)
1
141
µs
246
µs
560
µs
1/ (307.2 kHz)
1/ (25.8 MHz)
84
11.9 ms
12.0 ms
12.3 ms
t
tot
abs 44N t
1
t
2
–
()
[] 128t
IBASE
+
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com