Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 6 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THMC40 Datasheet HTML 2Page - Texas Instruments THMC40 Datasheet HTML 3Page - Texas Instruments THMC40 Datasheet HTML 4Page - Texas Instruments THMC40 Datasheet HTML 5Page - Texas Instruments THMC40 Datasheet HTML 6Page - Texas Instruments THMC40 Datasheet HTML 7Page - Texas Instruments THMC40 Datasheet HTML 8Page - Texas Instruments THMC40 Datasheet HTML 9Page - Texas Instruments THMC40 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
general overview
The THMC40 and THMC41 are 2-phase dc brushless fan motor drivers with PWM speed control intended
primarily for applications requiring a wide speed control range and an open-drain tachometer output signal
(THMC40), or a locked rotor detection output (THMC41). The VOUT drive duty cycle, and thus fan speed, is
proportional to the voltage level at the VPWM input terminal. Each device has an internal Hall sensor
comparator/signal conditioner, a low power sleep-state mode, locked rotor protection with automatic restart
after a locked rotor condition, and over-temperature protection. The tachometer signal (THMC40) can be used
to monitor the
health of the fan or to close an external loop based on fan RPM. The THMC40 and THMC41
provide a more efficient drive solution to fan RPM control than external linear voltage control. This solution is
also considerably more efficient than controlling dc brushless fan RPM using external PWM drive.
low-side motor phase winding driver outputs (PHA, PHB)
The PHA and PHB outputs provide low-side drive of the motor’s two stator phase windings (see block diagram
and Figure 1). These outputs have a typical RDS(ON) of 400 mΩ at 25°C and a 1-A continuous current rating.
The PHA and PHB outputs have an active flyback clamp (VZCLAMP in Figure 1) of 38 V (typical) to snub inductive
energy when a phase drive switches off. The outputs also have global thermal shutdown to prevent device
failure.
Drive commutation of PHA and PHB outputs is controlled according to rotor position monitored by a Hall-effect
position sensor. Discussion of this function is found in the following section, and the relationship between PHA
and PHB outputs to Hall input signal is shown in Figure 2.
Locked Rotor
Detection and
Auto-Restart
VOUT
TACH
(THMC40)
N
S
S
N
Tachometer
Output Driver
VZCLAMP
VZCLAMP
Low-Side
Gate Drive
Control
Logic, and
Global
Thermal
Shutdown
Naked
Hall
Sensor
VPWR
Hall Sensor
Comparator
RD
(THMC41)
H+
H–
PHA
PHB
Figure 1. Low-Side Gate Drive Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com