Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 2 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 2 Page - Texas Instruments

  THMC40 Datasheet HTML 1Page - Texas Instruments THMC40 Datasheet HTML 2Page - Texas Instruments THMC40 Datasheet HTML 3Page - Texas Instruments THMC40 Datasheet HTML 4Page - Texas Instruments THMC40 Datasheet HTML 5Page - Texas Instruments THMC40 Datasheet HTML 6Page - Texas Instruments THMC40 Datasheet HTML 7Page - Texas Instruments THMC40 Datasheet HTML 8Page - Texas Instruments THMC40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The VOUT duty cycle, and thus the motor speed, is proportional to the voltage present at the VPWM input terminal.
This terminal allows controlling the fan speed via a DAC output from an external control IC or an RC-filtered
PWM output from a PC Super I/O chip.
The THMC40 and THMC41 have an internal Hall sensor amplifier and signal conditioner, global thermal
shutdown, locked rotor protection, and automatic restart after a locked rotor condition. The THMC40 provides
an open-drain tachometer output signal, while the THMC41 provides an open-drain locked rotor detection
output signal. These devices also provide a sleep-state mode to eliminate the need for an external power
component to disconnect the fan from the supply during a system sleep state or
instantly available power down.
The THMC40 and THMC41 are primarily intended for cooling fan applications that require RPM speed control
and the availability of a tachometer or locked rotor detection signal.
functional block diagram
Tachometer
Output
CP
VPWM
Low-Side
Gate Drive
Control Logic
and Global
Thermal
Shutdown
High-Side Gate
Drive With
Synchronous
Rectification
Charge Pump
Locked Rotor
Detection and
Auto Restart
SLEEP
START and
SLEEP
Detection
PWM
Generator
PWM
Oscillator
23 kHz Nominal
PUC and VREF
Thermal
Shutdown
OSC
VSTART
VSLEEP
OSC
PWM
SLEEP
COSC
TACH
(THMC40)
RD
(THMC41)
VPWR
VOUT
PHA
PHB
H+
H–
PGND
AGND
Hall Sensor
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com