Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 7 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THMC40 Datasheet HTML 3Page - Texas Instruments THMC40 Datasheet HTML 4Page - Texas Instruments THMC40 Datasheet HTML 5Page - Texas Instruments THMC40 Datasheet HTML 6Page - Texas Instruments THMC40 Datasheet HTML 7Page - Texas Instruments THMC40 Datasheet HTML 8Page - Texas Instruments THMC40 Datasheet HTML 9Page - Texas Instruments THMC40 Datasheet HTML 10Page - Texas Instruments THMC40 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Hall sensor comparator and signal conditioning inputs (H+, H–)
Referring to Figure 1, the THMC40 and THMC41 have an internal Hall sensor comparator allowing the use of
low-cost naked Hall sense elements. The Hall signal conditioning block receives a low-level differential voltage
from the naked Hall position sensor element. The comparator then implements a zero differential voltage
crossing detection with a deglitch time of 25
µs (typical) to reject noise on the Hall signal inputs. Referring to
Figure 2, the PHx drive that was on (low) turns off after the 25-
µs deglitch time is reached. Then the opposite
PHx drive turns on after another delay time. This 5-
µs (typical) dead time is implemented to prevent both phases
from conducting simultaneously and to allow time for the inductive energy to be snubbed from the phase that
was just turned off. The Hall comparator circuit has an input offset voltage (VIO) which is not greater than ±7
mV. The common-mode input voltage range is 1 V to 3.5 V (see Figure 2).
tDEAD(PHx)
VCM
PHA Output
Voltage
PHB Output
Voltage
OFF
ON
OFF
ON
VIO
5
µs
tHALL
25
µs
tDEAD(PHx)
tHALL
25
µs
5
µs
Time
TACH Output
Voltage (THMC40)
OFF
ON
Hall Sensor
Waveform
(VH+ - VH–)
Figure 2. Hall Sensor Signal Conditioning Waveforms
Table 1 shows PHA and PHB commutation, and TACH output (THMC40) functionality:
Table 1. PHA and PHB Low-Side Drive Commutation and TACH Functionality
H+
H–
PHA
PHB
TACH
(THMC40)
+
–
High (OFF)
Low (ON)
High (OFF)
–
+
Low (ON)
High (OFF)
Low (ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com