Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 1 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 1 Page - Texas Instruments

  THMC40 Datasheet HTML 1Page - Texas Instruments THMC40 Datasheet HTML 2Page - Texas Instruments THMC40 Datasheet HTML 3Page - Texas Instruments THMC40 Datasheet HTML 4Page - Texas Instruments THMC40 Datasheet HTML 5Page - Texas Instruments THMC40 Datasheet HTML 6Page - Texas Instruments THMC40 Datasheet HTML 7Page - Texas Instruments THMC40 Datasheet HTML 8Page - Texas Instruments THMC40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D DC Fan Drive Speed Control With No
External Power Drive Stage Required
D 11% to 100% PWM Range Adjustable Via
0–2.5 V DC Control Voltage – Suited for
Cooling Fan Applications Requiring
Variable RPM to Reduce Noise and/or
Increase MTBF
D Speed Control Capability With Either DC or
PWM Input Signal for Greater System-Level
Flexibility
D Sleep-State Mode to Eliminate External Fan
ON/OFF Power Device – Suited for Cooling
Fans in
Instantly Available PCs
D Thermal Shutdown Protection
D High Impedance VPWM Input for Speed
Control of Multiple Fans With a Single
Signal
D Locked Rotor Protection (THMC40,
THMC41) With Open-Drain Output
Indication (THMC41)
D Open-Drain Tachometer Signal Valid Over
Entire RPM Range (THMC40)
D Noise Immune Signal Conditioning to Allow
Use of Low-Cost Hall Effect Position
Sensor
D Patented High Efficiency Drive Topology
With Integrated Low RDS(ON) LDMOS
Output Drivers
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COSC
TACH
CP
VPWR
VOUT
NC
PGND
VPWM
H+
H–
PHA
PHB
AGND
NC
THMC40 ...TACH OUTPUT
14-Pin SOP D Package
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COSC
RD
CP
VPWR
VOUT
NC
PGND
VPWM
H+
H–
PHA
PHB
AGND
NC
THMC41 . . . RD OUTPUT
14-Pin SOP D Package
(TOP VIEW)
description
The THMC40 and THMC41 are 2-phase, dc brushless motor (BLM) drive and control devices intended for use
with 12-Vdc cooling fans. Both devices include a high-efficiency PWM drive topology using integrated 0.5-
Ω
(typical) LDMOS drivers, plus a speed control input stage to provide the industry’s first solution for efficient
speed control
inside dc cooling fans. This patented solution eliminates the need for power drive components
on the main system board, thus reducing printed-circuit board (PCB) component count, PCB space, and
assembly time. This solution also offers other advantages over the two commonly used fan speed control
methods, adjustable external dc supply voltage, and adjustable external PWM drive duty cycle.
Unlike other methods which control speed external to the cooling fan, the THMC40 and THMC41 high-efficiency
PWM drive stage adjusts only the level of motor phase winding power. All other circuitry inside the fan obtains
power from the fixed dc voltage fan supply. This method eliminates the typical problem associated with an
external dc voltage regulation method causing loss of headroom to internal control circuitry at low fan supply
voltage and the resulting limitation of low-speed operation to
≈40%. The PWM drive method employed by the
THMC40 and THMC41 also reduces fan supply power consumption over the external linear regulation method,
which has V
×I power loss due to the voltage drop across the regulator.
An external PWM drive method disrupts power to the motor and also to all internal fan circuitry. The THM40 and
THMC41 solution maintains all signal integrity with phase drive commutation and tachometer, while providing
reliable low speed fan operation down to 11% PWM. This method allows fan health monitoring over the full fan
speed range.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - THMC40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC40DR TI1-THMC40DR Datasheet
300Kb / 19P
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
THMC40 TI1-THMC40_11 Datasheet
300Kb / 19P
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
More results

Similar Description - THMC40

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
Variable Speed Fan Motor Driver
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Anpec Electronics Corop...
APX9270 ANPEC-APX9270 Datasheet
352Kb / 17P
Direct PWM Variable Speed Fan Motor Driver
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
OCTOBER 2004
logo
Texas Instruments
THMC40 TI1-THMC40_11 Datasheet
300Kb / 19P
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
logo
Rohm
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
Two-phase Full-wave DC Brushless Fan Motor Drivers
logo
Anpec Electronics Corop...
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
Direct PWM Variable Speed Fan Motor Driver
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com