Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 3 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 3 Page - Texas Instruments

  THMC40 Datasheet HTML 1Page - Texas Instruments THMC40 Datasheet HTML 2Page - Texas Instruments THMC40 Datasheet HTML 3Page - Texas Instruments THMC40 Datasheet HTML 4Page - Texas Instruments THMC40 Datasheet HTML 5Page - Texas Instruments THMC40 Datasheet HTML 6Page - Texas Instruments THMC40 Datasheet HTML 7Page - Texas Instruments THMC40 Datasheet HTML 8Page - Texas Instruments THMC40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
9
I
IC analog ground and substrate connection
CP
3
I
External charge pump capacitor
COSC
1
I/O
External oscillator capacitor
H–
12
I
Hall sensor negative input
H+
13
I
Hall sensor positive input
NC
6, 8
–
No connection
PGND
7
I
Power ground for high-side charge pump
PHA
11
O
Low-side driver for phase A motor winding
PHB
10
O
Low-side driver for phase B motor winding
RD
2
O
Open-drain locked rotor detection output—THMC41 only
TACH
2
O
Open-drain tachometer output signal—THMC40 only
VOUT
5
O
High-side PWM driver output for motor windings
VPWR
4
I
Supply voltage input
VPWM
14
I
PWM duty cycle control voltage input
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
(see Note 1)
Supply voltage input, VPWR
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
High-side driver, PWM output voltage, VOUT
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-side drivers, phase A and B output, VPHA, VPHB
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Hall sensor amplifier input voltage, VH+, VH–
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PWM duty cycle control input voltage, VPWM
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Open-drain tachometer output voltage (THMC40), VTACH, or open-drain RD output voltage
(THMC41), VRD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Oscillator capacitor voltage, VCOSC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charge pump capacitor voltage, VCP
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous high-side PWM output source/sink current, IOUT
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous low-side PWM output sink current, IPHA, IPHB
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction-to-case thermal resistance, RθJC
26.9
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction-to-ambient thermal resistance , RθJA (see Note 2)
122.3
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at 25
°C , PD (see Note 3)
1022 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power derating factor above 25
°C ambient , PDERATING (see Note 4)
8.18 mW/
°C
. . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–30
°C to 80°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec), TLEAD
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. JEDEC low-K board with 0 LFM airflow
3. 150
°C maximum junction temperature, JEDEC low-K board with 0 LFM airflow
4. 80
°C maximum ambient and 150°C maximum junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com