Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 12 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THMC40 Datasheet HTML 8Page - Texas Instruments THMC40 Datasheet HTML 9Page - Texas Instruments THMC40 Datasheet HTML 10Page - Texas Instruments THMC40 Datasheet HTML 11Page - Texas Instruments THMC40 Datasheet HTML 12Page - Texas Instruments THMC40 Datasheet HTML 13Page - Texas Instruments THMC40 Datasheet HTML 14Page - Texas Instruments THMC40 Datasheet HTML 15Page - Texas Instruments THMC40 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
locked rotor protection
An internal digital timer monitors the output of the Hall sensor amplifier. When a change in commutation state
is not observed within one second (typical with 2200 pF COSC), the VOUT, PHA, and PHB outputs are disabled
for eight seconds (typical with 2200 pF COSC). After the outputs have been disabled for eight seconds (typical
with 2200 pF COSC), the THMC40 and THMC41 re-enable the VOUT, PHA, and PHB outputs to automatically
restart the motor after a locked rotor condition. If the locked rotor condition still exists, the above process repeats
itself until the condition is removed, or the THMC40 and THMC41 are powered down (see Figure 9).
NOTE:
The locked rotor detection time and auto-retry time are proportional to the PWM frequency, and
therefore to the value of COSC. With a COSC value of 2200 pF, the PWM frequency is typically
22.7 kHz, locked rotor detection time is typically one second, and auto-retry time is typically
eight seconds.
1s
Hall Sensor
Comparator
Output
1s
8s
8s
VOUT, PHA and
PHB Output
Enable
RD Output
(THMC41)
Tach Output
(THMC40)
Figure 9. Typical Locked Rotor Protection Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com