Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC40 Datasheet(PDF) 13 Page - Texas Instruments

Part # THMC40
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC40 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THMC40 Datasheet HTML 9Page - Texas Instruments THMC40 Datasheet HTML 10Page - Texas Instruments THMC40 Datasheet HTML 11Page - Texas Instruments THMC40 Datasheet HTML 12Page - Texas Instruments THMC40 Datasheet HTML 13Page - Texas Instruments THMC40 Datasheet HTML 14Page - Texas Instruments THMC40 Datasheet HTML 15Page - Texas Instruments THMC40 Datasheet HTML 16Page - Texas Instruments THMC40 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
open-drain tachometer output (TACH)—THMC40 Only
The THMC40 TACH output is an open-drain output activated by the Hall sensor comparator output (see Figure
9). When the Hall sensor comparator output is high, the TACH output floats high. When the Hall sensor amplifier
output is low, the TACH output is pulled low. The resulting output signal has two pulses per revolution on a
four-pole motor.
The TACH output can be used to monitor and measure actual fan speed. This output can also be used as part
of a closed-loop speed control system.
NOTE:
It is recommended that the fan manufacturer not place a pullup resistor for this terminal on the fan
circuit board. Leaving the output as open-drain allows the end user to pull up this terminal with an
external resistor to the supply voltage of their choice (that is, 3.3 V or 5 V).
open-drain locked rotor detection output—THMC41 only
The THMC41 RD output is an open-drain output pulled low during normal fan operation and allowed to float
during a locked rotor condition (see Figure 9). This signal can be used to alert the system of a locked rotor
condition.
The RD output can also be used as a
fan present or fan OK signal by using a general-purpose input terminal
on a PC Super I/O chip to detect the logic state of this terminal. When this input is high, the signal indicates that
the fan has been disconnected or is in a locked rotor condition.
NOTE:
It is recommended that the fan manufacturer not place a pullup resistor for this terminal on the fan
circuit board. Leaving the output as open-drain allows the end user to pull up this terminal with an
external resistor to the supply voltage of their choice (that is, 3.3V or 5V).
supply voltage input (VPWR)
The VPWR terminal serves as the voltage supply input to the THMC40 and THMC41. A 0.1-µF bypass capacitor
should be placed as close to this terminal as the layout permits. Additional bulk capacitance of 2.2
µF to 10 µF
on this terminal is highly recommended to reduce current spikes on the supply line during motor commutation,
thus reducing radiated emissions from the fan. See Application Information for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com