Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
±VCC – Supply Voltage – V
56
7
8
11
12
10
9
6
4
2
0
5
3
1
10
8
9
7
TA = 25°C
RF = 1 kΩ
Gain = +1
14
15
13
12
11
Driver
Receiver
DRIVER AND RECEIVER
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 6
10
1
100
VCC = ±15 V
TA = 25°C
In+ Noise
f – Frequency – Hz
10
100
1k
10k
100k
10
1
100
In– Noise
Vn Noise
DRIVER AND RECEIVER
INPUT VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
1
0.1
0.01
0.001
1M
f – Frequency – Hz
100k
10M
100M
10
100
200
VCC = ±15 V
RF = 1 kΩ
Gain = 2
TA = 25°C
VI(PP) = 1 V
500M
Receiver
Driver
VO
+
–
50
Ω
1 k
Ω
1 k
Ω
VI
THS6002
1 k
Ω
(
VI
VO
=
1000
Zo
)
– 1
DRIVER AND RECEIVER
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com