Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 4 Page - Texas Instruments

  THS7002 Datasheet HTML 1Page - Texas Instruments THS7002 Datasheet HTML 2Page - Texas Instruments THS7002 Datasheet HTML 3Page - Texas Instruments THS7002 Datasheet HTML 4Page - Texas Instruments THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVER
electrical characteristics, VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Power supply operating range
Split supply
±4.5
±16.5
V
VCC
Power supply operating range
Single supply
9
33
V
Single ended
RL =25 Ω
VCC = ± 5 V
3
to
– 2.8
3.2
to
–3
V
VO
Output voltage swing
Single ended
RL = 25 Ω
VCC = ± 15 V
11.8
to
–11.5
12.5
to
–12.2
V
VO
Output voltage swing
Differential
RL =50 Ω
VCC = ± 5 V
6
to
– 5.6
6.4
to
–6
V
Differential
RL = 50 Ω
VCC = ± 15 V
23.6
to
–23
25
to
– 24.4
V
VICR
Common mode input voltage range
VCC = ± 5 V
±3.6
±3.7
V
VICR
Common-mode input voltage range
VCC = ± 15 V
±13.4
±13.5
V
VIO
Input offset voltage
VCC = ± 5Vor ± 15 V
TA = 25°C
2
5
mV
VIO
Input offset voltage
VCC = ± 5 V or ± 15 V
TA = full range
7
mV
Input offset voltage drift
VCC = ± 5 V or ± 15 V,
TA = full range
20
µV/°C
Differential input offset voltage
VCC = ± 5Vor ± 15 V
TA = 25°C
1.5
4
mV
Differential input offset voltage
VCC = ± 5 V or ± 15 V
TA = full range
5
mV
Differential input offset voltage drift
VCC = ± 5 V or ± 15 V,
TA = full range
10
µV/°C
Negative
TA = 25°C
3
9
µA
Negative
TA = full range
12
µA
IIB
Input bias current
Positive
VCC = ± 5Vor ± 15 V
TA = 25°C
4
10
µA
IIB
In ut bias current
Positive
VCC = ± 5 V or ± 15 V
TA = full range
12
µA
Differential
TA = 25°C
1.5
8
µA
Differential
TA = full range
11
µA
IO
Output current (see Note 2)
VCC = ± 5 V,
RL = 5 Ω
500
mA
IO
Output current (see Note 2)
VCC = ± 15 V,
RL = 25 Ω
400
500
mA
IOS
Short-circuit output current (see Note 2)
800
mA
Open loop transresistance
VCC = ± 5 V
1.5
M
Ω
Oen loo transresistance
VCC = ± 15 V
5
M
Ω
CMRR
Common-mode rejection ratio
VCC = ± 5Vor ± 15 V
TA = full range
62
70
dB
CMRR
Differential common-mode rejection ratio
VCC = ± 5 V or ± 15 V,
TA = full range
100
dB
Crosstalk
Driver to driver
VI = 200 mV,
f = 1 MHz
–62
dB
† Full range is 0
°C to 70°C for the THS6002C and –40°C to 85°C for the THS6002I.
NOTE 2: A heat sink is required to keep the junction temperature below absolute maximum when an output is heavily loaded or shorted. See
absolute maximum ratings and Thermal Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com