Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 26Page - Texas Instruments THS7002 Datasheet HTML 27Page - Texas Instruments THS7002 Datasheet HTML 28Page - Texas Instruments THS7002 Datasheet HTML 29Page - Texas Instruments THS7002 Datasheet HTML 30Page - Texas Instruments THS7002 Datasheet HTML 31Page - Texas Instruments THS7002 Datasheet HTML 32Page - Texas Instruments THS7002 Datasheet HTML 33Page - Texas Instruments THS7002 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PCB design considerations
Proper PCB design techniques in two areas are important to assure proper operation of the THS6002. These
areas are high-speed layout techniques and thermal-management techniques. Because the THS6002 is a
high-speed part, the following guidelines are recommended.
D Ground plane – It is essential that a ground plane be used on the board to provide all components with a
low inductive ground connection. Although a ground connection directly to a terminal of the THS6002 is not
necessarily required, it is recommended that the thermal pad of the package be tied to ground. This serves
two functions. It provides a low inductive ground to the device substrate to minimize internal crosstalk and
it provides the path for heat removal.
D Input stray capacitance – To minimize potential problems with amplifier oscillation, the capacitance at the
inverting input of the amplifiers must be kept to a minimum. To do this, PCB trace runs to the inverting input
must be as short as possible, the ground plane must be removed under any etch runs connected to the
inverting input, and external components should be placed as close as possible to the inverting input. This
is especially true in the noninverting configuration. An example of this can be seen in Figure 56, which shows
what happens when 1.8 pF is added to the inverting input terminal in the noninverting configuration. The
bandwidth increases dramatically at the expense of peaking. This is because some of the error current is
flowing through the stray capacitor instead of the inverting node of the amplifier. Although, in the inverting
mode, stray capacitance at the inverting input has little effect. This is because the inverting node is at a
virtual ground and the voltage does not fluctuate nearly as much as in the noninverting configuration.
f – Frequency – Hz
100
1M
10M
100M
500M
–1
–3
–5
–7
–2
–4
–6
3
1
2
0
DRIVER
NORMALIZED FREQUENCY RESPONSE
vs
FREQUENCY
VCC = ±15 V
VI = 200 mV
RL = 25 Ω
RF = 1 kΩ
Gain = 1
CI = 0 pF
(Stray C Only)
CI = 1.8 pF
+
–
1 k
Ω
50
Ω
RL =
25
Ω
Cin
Vin
Vout
Figure 56. Driver Normalized Frequency Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com