Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments THS7002 Datasheet HTML 20Page - Texas Instruments THS7002 Datasheet HTML 21Page - Texas Instruments THS7002 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 31
VCC – Supply Voltage – V
RECEIVER
PEAK-TO-PEAK OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
56
7
8
11
12
10
9
0
–5
–10
–15
10
5
TA = 25°C
RF = 1 kΩ
RL = 150 Ω
Gain = 1
14
15
13
15
Figure 32
10
100
1000
RL – Load Resistance – Ω
15
5
–5
–15
10
0
–10
VCC = ±15 V
VCC = ±5 V
RECEIVER
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
TA = 25°C
RF = 1 kΩ
Gain = 1
VCC = ±5 V
VCC = ±15 V
Figure 33
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
VCC = ±5 V
RECEIVER
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC = ±15 V
0
–1
–2
–0.5
–1.5
0.5
G = 1
RF = 1 kΩ
Figure 34
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
RECEIVER
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
5
3
1
0
4
2
VCC = ±15 V
IIB+
VCC = ±5 V
IIB+
VCC = ±15 V
IIB–
VCC = ±5 V
IIB–
G = 1
RF = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com