Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 23Page - Texas Instruments THS7002 Datasheet HTML 24Page - Texas Instruments THS7002 Datasheet HTML 25Page - Texas Instruments THS7002 Datasheet HTML 26Page - Texas Instruments THS7002 Datasheet HTML 27Page - Texas Instruments THS7002 Datasheet HTML 28Page - Texas Instruments THS7002 Datasheet HTML 29Page - Texas Instruments THS7002 Datasheet HTML 30Page - Texas Instruments THS7002 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
recommended feedback and gain resistor values
As with all current feedback amplifiers, the bandwidth of the THS6002 is an inversely proportional function of
the value of the feedback resistor. This can be seen from Figures 17 and 18. For the driver, the recommended
resistors for the optimum frequency response for a 25-
Ω load system are 680-Ω for a gain = 1 and 620-Ω for
a gain = 2 or –1. For the receivers, the recommended resistors for the optimum frequency response are
560
Ω for a gain = 1 and 390 Ω for a gain = 2 or –1. These should be used as a starting point and once optimum
values are found, 1% tolerance resistors should be used to maintain frequency response characteristics.
Because there is a finite amount of output resistance of the operational amplifier, load resistance can play a
major part in frequency response. This is especially true with the drivers, which tend to drive low-impedance
loads. This can be seen in Figure 7, Figure 19, and Figure 20. As the load resistance increases, the output
resistance of the amplifier becomes less dominant at high frequencies. To compensate for this, the feedback
resistor should change. For 100-
Ω loads, it is recommended that the feedback resistor be changed to 820 Ω
for a gain of 1 and 560
Ω for a gain of 2 or –1. Although, for most applications, a feedback resistor value of
1 k
Ω is recommended, which is a good compromise between bandwidth and phase margin that yields a very
stable amplifier.
Consistent with current feedback amplifiers, increasing the gain is best accomplished by changing the gain
resistor, not the feedback resistor. This is because the bandwidth of the amplifier is dominated by the feedback
resistor value and internal dominant-pole capacitor. The ability to control the amplifier gain independently of the
bandwidth constitutes a major advantage of current feedback amplifiers over conventional voltage feedback
amplifiers. Therefore, once a frequency response is found suitable to a particular application, adjust the value
of the gain resistor to increase or decrease the overall amplifier gain.
Finally, it is important to realize the effects of the feedback resistance on distortion. Increasing the resistance
decreases the loop gain and increases the distortion. It is also important to know that decreasing load
impedance increases total harmonic distortion (THD). Typically, the third order harmonic distortion increases
more than the second order harmonic distortion.
offset voltage
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset
voltage:
V
OO +
V
IO
1
)
R
F
R
G
" I
IB
)
R
S
1
)
R
F
R
G
" I
IB–
R
F
+
–
VI
+
RG
RS
RF
IIB–
VO
IIB+
Figure 53. Output Offset Voltage Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com