Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 30Page - Texas Instruments THS7002 Datasheet HTML 31Page - Texas Instruments THS7002 Datasheet HTML 32Page - Texas Instruments THS7002 Datasheet HTML 33Page - Texas Instruments THS7002 Datasheet HTML 34Page - Texas Instruments THS7002 Datasheet HTML 35Page - Texas Instruments THS7002 Datasheet HTML 36Page - Texas Instruments THS7002 Datasheet HTML 37Page - Texas Instruments THS7002 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ADSL
The THS6002 was primarily designed as a line driver and line receiver for ADSL (asymmetrical digital subscriber
line). The driver output stage has been sized to provide full ADSL power levels of 20 dBm onto the telephone
lines. Although actual driver output peak voltages and currents vary with each particular ADSL application, the
THS6002 is specified for a minimum full output current of 400 mA at its full output voltage of approximately 12
V. This performance meets the demanding needs of ADSL at the central office end of the telephone line. A typical
ADSL schematic is shown in Figure 59.
_
+
6.8
µF
0.1
µF
–15 V
6.8
µF
0.1
µF
15 V
1 k
Ω
1 k
Ω
+
+
VI+
_
+
6.8
µF
0.1
µF
–15 V
6.8
µF
0.1
µF
15 V
1 k
Ω
1 k
Ω
+
+
VI–
+
–
1 k
Ω
0.1
µF
1 k
Ω
2 k
Ω
12.5
Ω
+
–
1 k
Ω
0.1
µF
1 k
Ω
2 k
Ω
1:2
To Telephone Line
12.5
Ω
–15 V
15 V
15 V
–15 V
0.01
µF
THS6002
Receiver 1
THS6002
Receiver 2
VO+
VO–
THS6002
Driver 1
THS6002
Driver 2
100
Ω
Figure 59. THS6002 ADSL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com