Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
DRIVER
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
10
6
2
0
8
4
12
VCC = ±15 V
VCC = ±5 V
13
Figure 17
f – Frequency – Hz
100
1M
10M
100M
–2
–4
–6
–8
–3
–5
–7
2
0
1
–1
DRIVER
NORMALIZED FREQUENCY RESPONSE
vs
FREQUENCY
VCC = ±15 V
VI = 200 mV
RL = 25 Ω
Gain = 1
TA = 25°C
RF = 510 Ω
RF = 300 Ω
RF = 750 Ω
RF = 1 kΩ
500M
Figure 18
DRIVER
NORMALIZED FREQUENCY RESPONSE
vs
FREQUENCY
f – Frequency – Hz
100K
1M
10M
100M
–1
–3
–5
–7
–2
–4
–6
1
2
0
VCC = ±15 V
Vin = 200 mV
RL = 25 Ω
Gain = 2
TA = 25°C
–8
–10
–9
500M
RF = 470 Ω
RF = 360 Ω
RF = 620 Ω
RF = 1 kΩ
Figure 19
DRIVER
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
500M
–3
–5
–7
–9
–4
–6
–8
–1
0
–2
1
RL = 200 Ω
RL = 100 Ω
RL = 25 Ω
VCC = ±15 V
RF = 1 kΩ
Gain = 1
VI = 200 mV
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com