Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 48 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 43Page - Texas Instruments TLV2341IP Datasheet HTML 44Page - Texas Instruments TLV2341IP Datasheet HTML 45Page - Texas Instruments TLV2341IP Datasheet HTML 46Page - Texas Instruments TLV2341IP Datasheet HTML 47Page - Texas Instruments TLV2341IP Datasheet HTML 48Page - Texas Instruments TLV2341IP Datasheet HTML 49Page - Texas Instruments TLV2341IP Datasheet HTML 50Page - Texas Instruments TLV2341IP Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
–
+
Figure 102. Compensation for Input Capacitance
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
input characteristics (continued)
–
+
–
+
–
+
(a) NONINVERTING AMPLIFIER
(b) INVERTING AMPLIFIER
(c) UNITY-GAIN AMPLIFIER
VO
VI
VO
VO
VI
VI
Figure 101. Guard-Ring Schemes
noise performance
The noise specifications in operational amplifiers circuits are greatly dependent on the current in the first-stage
differential amplifier. The low input bias-current requirements of the TLV2341 results in a very low noise current,
which is insignificant in most applications. This feature makes the device especially favorable over bipolar
devices when using values of circuit impedance greater than 50 k
Ω, since bipolar devices exhibit greater noise
currents.
feedback
Operational amplifier circuits nearly always
employ feedback, and since feedback is the first
prerequisite for oscillation, caution is appropriate.
Most oscillation problems result from driving
capacitive
loads
and
ignoring
stray
input
capacitance. A small-value capacitor connected
in parallel with the feedback resistor is an effective
remedy (see Figure 102). The value of this
capacitor is optimized empirically.
electrostatic-discharge protection
The TLV2341 incorporates an internal electro-
static-discharge (ESD)-protection circuit that
prevents functional failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2. Care
should be exercised, however, when handling these devices as exposure to ESD may result in the degradation
of the device parametric performance. The protection circuit also causes the input bias currents to be
temperature dependent and have the characteristics of a reverse-biased diode.
latch-up
Because CMOS devices are susceptible to latch-up due to their inherent parasitic thyristors, the TLV2341 inputs
and output are designed to withstand – 100-mA surge currents without sustaining latch-up; however, techniques
should be used to reduce the chance of latch-up whenever possible. Internal protection diodes should not by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com