Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 16Page - Texas Instruments TLV2341IP Datasheet HTML 17Page - Texas Instruments TLV2341IP Datasheet HTML 18Page - Texas Instruments TLV2341IP Datasheet HTML 19Page - Texas Instruments TLV2341IP Datasheet HTML 20Page - Texas Instruments TLV2341IP Datasheet HTML 21Page - Texas Instruments TLV2341IP Datasheet HTML 22Page - Texas Instruments TLV2341IP Datasheet HTML 23Page - Texas Instruments TLV2341IP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MEDIUM-BIAS MODE
operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA
TLV2341I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VIC = 1 V,
RL = 100 kΩ
VI(PP) = 1 V,
CL =20 pF
25
°C
0.38
V/
µs
SR
Slew rate at unity gain
RL = 100 kΩ,
See Figure 92
CL = 20 pF,
85
°C
0.29
V/
µs
V
Equivalent input noise voltage
f = kHz,
RS = 20 Ω,
25
°C
32
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 93
S
,
25
°C
32
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
34
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 100 kΩ,
L
,
See Figure 92
85
°C
32
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
300
kHz
B1
Unity-gain bandwidth
I
,
RL = 100 kΩ,
L
,
See Figure 94
85
°C
235
kHz
VI = 10 mV,
f = B1,
–40
°C
42
°
φm
Phase margin
VI 10 mV,
CL = 20 pF,
f
B1,
RL = 100 kΩ,
25
°C
39
°
See Figure 94
85
°C
36
°
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLV2341I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIC =1V
VI(PP) =1V
25
°C
0.43
SR
Slew rate at unity gain
VIC = 1 V,
RL = 100 kΩ,
VI(PP) = 1 V
85
°C
0.35
V/
µs
SR
Slew rate at unity gain
L
,
CL = 20 pF,
SFi
92
VI(PP) =2 5V
25
°C
0.40
V/
µs
See Figure 92
VI(PP) = 2.5 V
85
°C
0.32
V
Equivalent input noise voltage
f =1 kHz,
RS = 20 Ω,
25
°C
32
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 93
S
,
25
°C
32
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
55
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 100 kΩ,
L
,
See Figure 92
85
°C
45
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
525
kHz
B1
Unity-gain bandwidth
I
,
RL = 100 kΩ,
L
,
See Figure 94
85
°C
370
kHz
VI = 10 mV,
f = B1,
–40
°C
43
°
φm
Phase margin
VI 10 mV,
CL = 20 pF,
f
B1,
RL = 100 kΩ,
25
°C
40
°
See Figure 94
85
°C
38
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com