Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 15Page - Texas Instruments TLV2341IP Datasheet HTML 16Page - Texas Instruments TLV2341IP Datasheet HTML 17Page - Texas Instruments TLV2341IP Datasheet HTML 18Page - Texas Instruments TLV2341IP Datasheet HTML 19Page - Texas Instruments TLV2341IP Datasheet HTML 20Page - Texas Instruments TLV2341IP Datasheet HTML 21Page - Texas Instruments TLV2341IP Datasheet HTML 22Page - Texas Instruments TLV2341IP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MEDIUM-BIAS MODE
electrical characteristics at specified free-air temperature
TEST
TLV2341I
PARAMETER
TEST
CONDITIONS
TA†
VDD = 3 V
VDD = 5 V
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
V
It ff
t
lt
VO = 1 V,
VIC = 1 V,
25
°C
0.6
8
1.1
8
V
VIO
Input offset voltage
VIC 1 V,
RS = 50 Ω,
Full range
10
10
mV
S
RL = 100 kΩ
Full range
10
10
αVIO
Average temperature coefficient of
25
°C to
1
17
µV/°C
αVIO
g
input offset voltage
85
°C
1
1.7
µV/°C
IIO
Input offset current (see Note 4)
VO = 1 V,
25
°C
0.1
0.1
pA
IIO
Input offset current (see Note 4)
O
,
VIC = 1 V
85
°C
22
1000
24
1000
pA
IIB
Input bias current (see Note 4)
VO = 1 V,
25
°C
0.6
0.6
pA
IIB
Input bias current (see Note 4)
O
,
VIC = 1 V
85
°C
175
2000
200
2000
pA
25
°C
– 0.2
to
– 0.3
to
– 0.2
to
– 0.3
to
V
VICR
Common-mode input voltage range
25
°C
to
2
to
2.3
to
4
to
4.2
V
VICR
gg
(see Note 5)
Full range
– 0.2
to
– 0.2
to
V
Full range
to
1.8
to
3.8
V
VOH
High level output voltage
VIC = 1 V,
VID = 100 mV
25
°C
1.75
1.9
3.2
3.9
V
VOH
High-level output voltage
VID = 100 mV,
IOH = – 1 mA
Full range
1.7
3
V
VOL
Low level output voltage
VIC = 1 V,
VID = 100 mV
25
°C
115
150
95
150
mV
VOL
Low-level output voltage
VID = – 100 mV,
IOL = 1 mA
Full range
190
190
mV
AVD
Large-signal differential
VIC = 1 V,
RL = 100 kΩ
25
°C
25
83
25
170
V/mV
AVD
gg
voltage amplification
RL = 100 kΩ,
See Note 6
Full range
15
15
V/mV
CMRR
Common mode rejection ratio
VO = 1 V,
VIC =VICRmin
25
°C
65
92
65
91
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
60
60
dB
kSVR
Supply-voltage rejection ratio
VIC = 1 V,
VO =1V
25
°C
70
94
70
94
dB
kSVR
yg
j
(
∆VDD/∆VIO)
VO = 1 V,
RS = 50 Ω
Full range
65
65
dB
II(SEL) Bias select current
VI(SEL) = 0
25
°C
– 100
– 130
nA
IDD
Supply current
VO = 1 V,
VIC =1V
25
°C
65
250
105
280
µA
IDD
Supply current
VIC = 1 V,
No load
Full range
360
400
µA
† Full range is – 40
°C to 85°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA are determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 3 V, VO = 0.5 V to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com