Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 11Page - Texas Instruments TLV2341IP Datasheet HTML 12Page - Texas Instruments TLV2341IP Datasheet HTML 13Page - Texas Instruments TLV2341IP Datasheet HTML 14Page - Texas Instruments TLV2341IP Datasheet HTML 15Page - Texas Instruments TLV2341IP Datasheet HTML 16Page - Texas Instruments TLV2341IP Datasheet HTML 17Page - Texas Instruments TLV2341IP Datasheet HTML 18Page - Texas Instruments TLV2341IP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)
Figure 18
1.2
0.8
0.4
0
02
4
6
1.6
2
8
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
TA = 25°C
TA = – 40°C
VIC = 1 V
VO = 1 V
No Load
TA = 85°C
Figure 19
1
0.5
0
–75
0
25
50
1.5
2
75
100
125
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VIC = 1 V
VO = 1 V
No Load
VDD = 3 V
1.75
0.75
0.25
1.25
–50
– 25
VDD = 5 V
Figure 20
02
4
6
8
SLEW RATE
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
4
2
1
0
6
3
5
8
7
VI(PP) = 1 V
AV = 1
RL = 10 kΩ
CL = 20 pF
TA = 25°C
Figure 21
4
2
1
0
6
3
5
8
7
– 75
– 50
– 25
0
25
50
75
100
125
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VI(PP) = 1 V
AV = 1
RL = 10 kΩ
CL = 20 pF
VDD = 5 V
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com