Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 30 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 26Page - Texas Instruments TLV2341IP Datasheet HTML 27Page - Texas Instruments TLV2341IP Datasheet HTML 28Page - Texas Instruments TLV2341IP Datasheet HTML 29Page - Texas Instruments TLV2341IP Datasheet HTML 30Page - Texas Instruments TLV2341IP Datasheet HTML 31Page - Texas Instruments TLV2341IP Datasheet HTML 32Page - Texas Instruments TLV2341IP Datasheet HTML 33Page - Texas Instruments TLV2341IP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (MEDIUM-BIAS MODE)
Figure 58
VDD – Supply Voltage – V
01
2
3
4
5
6
PHASE MARGIN
vs
SUPPLY VOLTAGE
78
VI = 10 mV
RL = 100 kΩ
CL = 20 pF
TA = 25°C
50
°
48
°
46
°
44
°
42
°
40
°
38
°
36
°
34
°
32
°
30
°
Figure 59
TA – Free-Air Temperature – °C
– 75
– 25
0
50
100
125
– 50
25
75
VDD = 3 V
VI = 10 mV
RL = 100 kΩ
CL = 20 pF
VDD = 5 V
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
45
°
43
°
41
°
39
°
37
°
35
°
Figure 60
44
°
42
°
40
°
38
°
36
°
34
°
32
°
30
°
020
40
60
PHASE MARGIN
vs
LOAD CAPACITANCE
80
100
VI = 10 mV
TA = 25°C
RL = 100 kΩ
VDD = 3 V
VDD = 5 V
CL – Load Capacitance – pF
28
°
10
30
50
70
90
Figure 61
200
150
100
0
110
250
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
300
1000
100
RS = 20 Ω
TA = 25°C
VDD = 3 V
50
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com