Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 23 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 19Page - Texas Instruments TLV2341IP Datasheet HTML 20Page - Texas Instruments TLV2341IP Datasheet HTML 21Page - Texas Instruments TLV2341IP Datasheet HTML 22Page - Texas Instruments TLV2341IP Datasheet HTML 23Page - Texas Instruments TLV2341IP Datasheet HTML 24Page - Texas Instruments TLV2341IP Datasheet HTML 25Page - Texas Instruments TLV2341IP Datasheet HTML 26Page - Texas Instruments TLV2341IP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (MEDIUM-BIAS MODE)
Figure 32
50
40
20
10
0
30
–1
0
1
23
45
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – mV
VDD = 3 V
TA = 25°C
P Package
–5
–4
–3
–2
Figure 33
50
40
20
10
0
30
–1
0
1
60
2
345
VIO – Input Offset Voltage – mV
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
VDD = 5 V
TA = 25°C
P Package
–5
–4
–3
–2
Figure 34
–10
0
2
46
8
10
αVIO – Temperature Coefficient – µV/°C
50
40
20
10
0
30
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
–8
–6
–4
–2
VDD = 3 V
TA = 25°C to 85°C
P Package
Figure 35
αVIO – Temperature Coefficient – µV/°C
–10
02
468
10
50
40
20
10
0
30
60
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
VDD = 5 V
TA = 25°C to 85°C
P Package
Outliers:
(1) 33 mV/
°C
–8
–6
–4
–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com