Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341IP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 14Page - Texas Instruments TLV2341IP Datasheet HTML 15Page - Texas Instruments TLV2341IP Datasheet HTML 16Page - Texas Instruments TLV2341IP Datasheet HTML 17Page - Texas Instruments TLV2341IP Datasheet HTML 18Page - Texas Instruments TLV2341IP Datasheet HTML 19Page - Texas Instruments TLV2341IP Datasheet HTML 20Page - Texas Instruments TLV2341IP Datasheet HTML 21Page - Texas Instruments TLV2341IP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)
Figure 28
02
4
6
8
PHASE MARGIN
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
TA = 25°C
53
°
51
°
49
°
47
°
45
°
Figure 29
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
– 0
25
50
75
100
125
TA – Free-Air Temperature – °C
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
60
°
58
°
56
°
54
°
52
°
50
°
48
°
46
°
44
°
42
°
40
°
VDD = 5 V
VDD = 3 V
Figure 30
0
2040
6080
100
PHASE MARGIN
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
VDD = 5 V
VI = 10 mV
RL = 10 kΩ
TA = 25°C
50
°
45
°
40
°
35
°
30
°
25
°
10
30
50
70
90
VDD = 3 V
Figure 31
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
1
10
100
1000
200
100
0
300
400
RS = 20 Ω
TA = 25°C
VDD = 5 V
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com