Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320 Datasheet HTML 1Page - Texas Instruments TMS320 Datasheet HTML 2Page - Texas Instruments TMS320 Datasheet HTML 3Page - Texas Instruments TMS320 Datasheet HTML 4Page - Texas Instruments TMS320 Datasheet HTML 5Page - Texas Instruments TMS320 Datasheet HTML 6Page - Texas Instruments TMS320 Datasheet HTML 7Page - Texas Instruments TMS320 Datasheet HTML 8Page - Texas Instruments TMS320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
TMS320 SECOND-GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
1
ADVANCE INFORMATION concerns new products in the
sampling or preproduction phase of development.
Characteristic data and other specifications are subject to
change without notice.
Copyright
© 1991, Texas Instruments Incorporated
• 80-ns Instruction Cycle Time
• 544 Words of On-Chip Data RAM
• 4K Words of On-Chip Secure Program
EPROM (TMS320E25)
• 4K Words of On-Chip Program ROM
(TMS320C25)
• 128K Words of Data/Program Space
• 32-Bit ALU/Accumulator
• 16 × 16-Bit Multiplier With a 32-Bit Product
• Block Moves for Data/Program
Management
• Repeat Instructions for Efficient Use of
Program Space
• Serial Port for Direct Codec Interface
• Synchronization Input for Synchronous
Multiprocessor Configurations
• Wait States for Communication to Slow
Off-Chip Memories/Peripherals
• On-Chip Timer for Control Operations
• Single 5-V Supply
• Packaging: 68-Pin PGA, PLCC, and
CER-QUAD
• 68-to-28 Pin Conversion Adapter Socket for
EPROM Programming
• Commercial and Military Versions Available
• NMOS Technology:
— TMS32020
200-ns cycle time
. . . . . . . . .
• CMOS Technology:
— TMS320C25
100-ns cycle time
. . . . . . . .
— TMS320E25
100-ns cycle time
. . . . . . . .
— TMS320C25-50
80-ns cycle time
. . . . . .
description
This data sheet provides complete design documentation for the second-generation devices of the TMS320
family. This facilitates the selection of the devices best suited for user applications by providing all specifications
and special features for each TMS320 member. This data sheet is divided into four major sections: architecture,
electrical specifications (NMOS and CMOS), timing diagrams, and mechanical data. In each of these sections,
generic information is presented first, followed by specific device information. An index is provided for quick
reference to specific information about a device.
12345678
9 10 11
A
B
C
D
E
F
G
H
J
K
L
68-Pin GB Package†
(Top View)
IACK
MSC
CLKOUT1
CLKOUT2
XF
HOLDA
DX
FSX
X2 CLKIN
X1
BR
STRB
R/W
PS
IS
DS
VSS
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
9 8 7 6 5 4 3 2 1 6867666564 63 6261
VSS
D7
D6
D5
D4
D3
D2
D1
D0
SYNC
INT0
INT1
INT2
VCC
DR
FSR
A0
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
68-Pin FN and FZ Packages†
(Top View)


Similar Part No. - TMS320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
555Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
Precision Digital Sine- Wave Generation with the TMS32010
TMS32020 TI-TMS32020 Datasheet
297Kb / 57P
Wide-Band Analog Interface Circuit
TMS320ACLPGF TI1-TMS320ACLPGF Datasheet
1Mb / 94P
TMS320VC5441 Fixed-Point Digital Signal Processor
Revised October 2008
TMS320AV7110 TI-TMS320AV7110 Datasheet
1,023Kb / 131P
Integrated Digital Set-top Box Decoder Functional Specification
More results

Similar Description - TMS320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
Digital Signal Processors
TMS320 TI1-TMS320_13 Datasheet
544Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
TMS320C25FNL50 TI-TMS320C25FNL50 Datasheet
555Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com