Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 9Page - Texas Instruments TMS320 Datasheet HTML 10Page - Texas Instruments TMS320 Datasheet HTML 11Page - Texas Instruments TMS320 Datasheet HTML 12Page - Texas Instruments TMS320 Datasheet HTML 13Page - Texas Instruments TMS320 Datasheet HTML 14Page - Texas Instruments TMS320 Datasheet HTML 15Page - Texas Instruments TMS320 Datasheet HTML 16Page - Texas Instruments TMS320 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
S
D
D
D
D
D
NO.
WORDS
DESCRIPTION
INSTRUCTION BIT CODE
MNEMONIC
NO.
WORDS
DESCRIPTION
INSTRUCTION BIT CODE
MNEMONIC
K
D
R
K
R
D
DP
R
D
D
R
K
R
CM
TMS320C25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
13
Table 3. TMS320C25 Instruction Set Summary (continued)
ACCUMULATOR MEMORY REFERENCE INSTRUCTIONS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SUBT†
Subtract from accumulator with shift specified by
T register
1
0
1
0
0
0
1
1
0
I
XOR
Exclusive-OR with accumulator
1
0
10
011
0
0
I
XORK†
Exclusive-OR immediate with accumulator with
shift
2
1
1
0
1
0
00
00
11
0
ZAC
Zero accumulator
1
1
10
010
1
0
0
0
0
0
0
0
0
0
ZALH
Zero low accumulator and load high accumulator
1
0
10
000
0
0
I
ZALR‡
Zero low accumulator and load high accumulator
with rounding
1
0
11
110
1
1
I
ZALS
Zero accumulator and load low accumulator with
sign extension suppressed
1
0
10
000
0
1
I
AUXILIARY REGISTERS AND DATA PAGE POINTER INSTRUCTIONS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADRK‡
Add to auxiliary register short immediate
1
0
1
1
1
1
1
1
0
CMPR†
Compare auxiliary register with auxiliary
register AR0
1
1
10
011
1
0
0
1
0
1
0
0
LAR
Load auxiliary register
1
0
01
10
I
LARK
Load auxilliary register short immediate
1
1
10
00
LARP
Load auxilliary register pointer
1
0
10
101
0
1
1
0
0
0
1
LDP
Load data memory page pointer
1
0
10
100
1
0
I
LDPK
Load data memory page pointer immediate
1
1
10
010
0
LRLK†
Load auxiliary register long immediate
2
1
10
10
0
0
0
0
0
0
0
0
MAR
Modify auxiliary register
1
0
10
101
0
1
I
SAR
Store auxiliary register
1
0
11
10
I
SBRK‡
Subtract from auxiliary register short immediate
1
0
1
1
1
1
1
1
1
† These instructions are not included in the TMS320C1x instruction set.
‡ These instructions are not included in the TMS32020 instruction set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com