Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 32Page - Texas Instruments TMS320 Datasheet HTML 33Page - Texas Instruments TMS320 Datasheet HTML 34Page - Texas Instruments TMS320 Datasheet HTML 35Page - Texas Instruments TMS320 Datasheet HTML 36Page - Texas Instruments TMS320 Datasheet HTML 37Page - Texas Instruments TMS320 Datasheet HTML 38Page - Texas Instruments TMS320 Datasheet HTML 39Page - Texas Instruments TMS320 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
TMS320C25-50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
36
+5 V
fcrystal
4.7 k
Ω
10 k
Ω
74HC04
F11
CLKIN
47 pF
74AS04
10 k
Ω
C = 20 pF
0.1
µF
L
TMS320C25
TMS320C25
TMS320C25-50
TMS320E25
40.96
51.20
40.96
1.8
1.0
1.8
fcrystal, (MHz)
L, (
µH)
Figure 7. External Clock Option
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
tc(CI)
CLKIN cycle time
19.5
3
150
ns
tf(CI)
CLKIN fall time
5 †
ns
tr(CI)
CLKIN rise time
5†
ns
tw(CIL)
CLKIN low pulse duration, tc(CI) = 50 ns (see Note 4)
20
ns
tw(CIH)
CLKIN high pulse duration, tc(CI) = 50 ns (see Note 4)
20
ns
tsu(S)
SYNC setup time before CLKIN low
4
Q – 4
ns
th(S)
SYNC hold time from CLKIN low
4
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4 tc(C)
4. CLKIN duty cycle [tr(CI) + tw(CIH)]/tc(CI) must be within 40-60%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com