Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 29Page - Texas Instruments TMS320 Datasheet HTML 30Page - Texas Instruments TMS320 Datasheet HTML 31Page - Texas Instruments TMS320 Datasheet HTML 32Page - Texas Instruments TMS320 Datasheet HTML 33Page - Texas Instruments TMS320 Datasheet HTML 34Page - Texas Instruments TMS320 Datasheet HTML 35Page - Texas Instruments TMS320 Datasheet HTML 36Page - Texas Instruments TMS320 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
33
EPROM PROGRAMMING
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, VPP‡
– 0.6 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range on pins 24 and 25
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “Recommended Operating Conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Programming mode supply voltage (see Note 13)
6
V
VCC
Read mode supply voltage
4.75
5
5.25
V
VPP
Programming mode supply voltage
12
12.5
13
V
VPP
Read mode supply voltage (see Note 12)
VCC
V
NOTES: 12. VPP can be connected to VCC directly (except in the program mode). VCC supply current in this case would be ICC + IPP. During
programming, VPP must be maintained at 12.5 V (± 0.25 V).
13. VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. This device must not be
inserted into or removed from the board when VPP or VCC is applied.
electrical characteristics over specified temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
IPP1
VPP supply current
VPP = VCC = 5.25 V
100
µA
IPP2
VPP supply current (during program pulse)
VPP = 13 V
30
50
mA
§ All typical values for ICC are at VCC = 5 V, TA = 25°C.
recommended timing requirements for programming, TA = 25°C, VCC = 6 V, VPP = 12.5 V
(see Notes 14 and 15)
MIN
NOM
MAX
UNIT
tw(IPGM)
Initial program pulse duration
0.95
1
1.05
ms
tw(FPGM)
Final pulse duration
2.85
78.75
ms
tsu(A)
Address setup time
2
µs
tsu(E)
E setup time
2
µs
tsu(G)
G setup time
2
µs
tdis(G)
Output disable time from G
0
130¶
ns
ten(G)
Output enable time from G
150¶
ns
tsu(D)
Data setup time
2
µs
tsu(VPP)
VPP setup time
2
µs
tsu(VCC)
VCC setup time
2
µs
th(A)
Address hold time
0
µs
th(D)
Data hold time
2
µs
¶ Value derived from characterization data and not tested.
NOTES: 14. For all switching characteristics and timing measurements, input pulse levels are 0.4 V to 2.4 V and VPP = 12.5 V ± 0.5 V during
programming.
15. Common test conditions apply for tdis(G) except during programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com