Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 18Page - Texas Instruments TMS320 Datasheet HTML 19Page - Texas Instruments TMS320 Datasheet HTML 20Page - Texas Instruments TMS320 Datasheet HTML 21Page - Texas Instruments TMS320 Datasheet HTML 22Page - Texas Instruments TMS320 Datasheet HTML 23Page - Texas Instruments TMS320 Datasheet HTML 24Page - Texas Instruments TMS320 Datasheet HTML 25Page - Texas Instruments TMS320 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
TMS32020
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
22
CLOCK CHARACTERISTICS AND TIMING
The TMS32020 can use either its internal oscillator or an external frequency source for a clock.
internal clock option
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN (see Figure 2). The frequency
of CLKOUT1
is one-fourth the crystal fundamental frequency. The crystal should be fundamental
mode, and parallel resonant, with an effective series resistance of 30
Ω, a power dissipation of 1 mW,
and be specified at a load capacitance of 20 pF.
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fx
Input clock frequency
TA = 0°C to 70°C
6.7
20.5
MHz
fxs
Serial port frequency
TA = 0°C to 70°C
50 †
2563
MHz
C1, C2
TA = 0°C to 70°C
10
pF
† Value derived from characterization data; minimum fsx at test = 825 kHz.
X2/CLKIN
C2
C1
X1
Crystal
Figure 2. Internal Clock Option
external clock option
An external frequency source can be used by injecting the frequency directly into X2/CLKIN with X1 left
unconnected. The external frequency injected must conform to the specifications listed in the following table.
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
NOM
MAX
UNIT
tc(C)
CLKOUT1/CLKOUT2 cycle time
195
597
ns
td(CIH-C)
CLKIN high to CLKOUT1/CLKOUT2/STRB high/low
25
60
ns
tf(C)
CLKOUT1/CLKOUT2/STRB fall time
10
ns
tr(C)
CLKOUT1/CLKOUT2/STRB rise time
10
ns
tw(CL)
CLKOUT1/CLKOUT2 low pulse duration
2Q – 15
2Q
2Q + 15
ns
tw(CH)
CLKOUT1/CLKOUT2 high pulse duration
2Q – 15
2Q
2Q + 15
ns
td(C1-C2)
CLKOUT1 high to CLKOUT2 low, CLKOUT2 high to CLKOUT1 high, etc.
Q – 10
Q
Q+10
ns
NOTE 3: Q = 1/4tc(C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com