Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 25Page - Texas Instruments TMS320 Datasheet HTML 26Page - Texas Instruments TMS320 Datasheet HTML 27Page - Texas Instruments TMS320 Datasheet HTML 28Page - Texas Instruments TMS320 Datasheet HTML 29Page - Texas Instruments TMS320 Datasheet HTML 30Page - Texas Instruments TMS320 Datasheet HTML 31Page - Texas Instruments TMS320 Datasheet HTML 32Page - Texas Instruments TMS320 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
TMS320C25, TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
29
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
tc(CI)
CLKIN cycle time
24.4
150
ns
tf(CI)
CLKIN fall time
5†
ns
tr(CI)
CLKIN rise time
5†
ns
tw(CIL)
CLKIN low pulse duration, tc(CI) = 50 ns (see Note 4)
20
ns
tw(CIH)
CLKIN high pulse duration, tc(CI) = 50 ns (see Note 4)
20
ns
tsu(S)
SYNC setup time before CLKIN low
5
Q – 5
ns
th(S)
SYNC hold time from CLKIN low
8
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
4. CLKIN duty cycle [tr(CI) + tw(CIH)]/tc(CI) must be within 40-60%.
+5 V
fcrystal
4.7 k
Ω
10 k
Ω
74HC04
F11
CLKIN
47 pF
74AS04
10 k
Ω
C = 20 pF
0.1
µF
L
TMS320C25
TMS320C25
TMS320C25-50
TMS320E25
40.96
51.20
40.96
1.8
1.0
1.8
fcrystal, (MHz)
L, (
µH)
Figure 3. External Clock Option
Shown above is a crystal oscillator circuit suitable for providing the input clock signal to the TMS320C25,
TMS320E25, and TMS320C25-50. Please refer to
Hardware Interfacing to the TMS320C25 (document number
SPRA014A) for details on circuit operation.
CL = 100 pF
2.15 V
RL = 825 Ω
Test
Point
From Output
Under Test
Figure 4. Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com