Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 17Page - Texas Instruments TMS320 Datasheet HTML 18Page - Texas Instruments TMS320 Datasheet HTML 19Page - Texas Instruments TMS320 Datasheet HTML 20Page - Texas Instruments TMS320 Datasheet HTML 21Page - Texas Instruments TMS320 Datasheet HTML 22Page - Texas Instruments TMS320 Datasheet HTML 23Page - Texas Instruments TMS320 Datasheet HTML 24Page - Texas Instruments TMS320 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
High-level input voltage
Low-level input voltage
VIL
VIH
TMS32020
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
21
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, VCC‡
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
2 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “Recommended Operating Conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
All inputs except CLKIN
2
VCC + 0.3
V
CLKIN
2.4
VCC + 0.3
V
All inputs except CLKIN
– 0.3
0.8
V
CLKIN
– 0.3
0.8
V
IOH
High-level output current
300
µA
IOL
Low-level output current
2
mA
TA
Operating free-air temperature (see Notes 1 and 2)
0
70
°C
NOTES: 1. Case temperature (TC) must be maintained below 90°C.
2. R
θJA = 36°C/Watt, RθJC = 6°C/Watt.
electrical characteristics over specified free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
VOH
High-level output voltage
VCC = MIN, IOH = MAX
2.4
3
V
VOL
Low-level output voltage
VCC = MIN, IOL = MAX
0.3
0.6
V
IZ
Three-state current
VCC = MAX
–20
20
µA
II
Input current
VI = VSS to VCC
–10
10
µA
TA = 0°C, VCC = MAX, fx = MAX
360
mA
ICC
Supply current
TA = 25°C, VCC = MAX, fx = MAX
250
mA
TC = 90°C, VCC = MAX, fx = MAX
285
mA
CI
Input capacitance
15
pF
CO
Output capacitance
15
pF
§ All typical values for ICC are at VCC = 5 V, TA = 25°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions should be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level, preferably either
VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com