Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90 Datasheet(PDF) 6 Page - ASM GmbH

Part # COM90
Description  Doppel-Grenzwertschalter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

COM90 Datasheet(HTML) 6 Page - ASM GmbH

Back Button COM90 Datasheet HTML 2Page - ASM GmbH COM90 Datasheet HTML 3Page - ASM GmbH COM90 Datasheet HTML 4Page - ASM GmbH COM90 Datasheet HTML 5Page - ASM GmbH COM90 Datasheet HTML 6Page - ASM GmbH COM90 Datasheet HTML 7Page - ASM GmbH COM90 Datasheet HTML 8Page - ASM GmbH COM90 Datasheet HTML 9Page - ASM GmbH COM90 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ASM GmbH
DAB-COM90-E-05
Tel.: 08123/986-0
Fax: 08123/986-500
www.asm-sensor.de
1
Configurable Double Limit Switch COM 90
Double Limit Switch
General Description
This module contains two comparators and one or two relays for the
monitoring of analog signals from 0-400 mV, 0-10 V or 0-20 mA.
Input range and operating mode may be selected via DiL-switches.
Two switching thresholds with status LED’s, adjustment via a 12-
turn potentiometer
•
Choice of one or two relays with double-throw contacts
•
Selectable operating modes: limit switch, window comparator,
two-position controller
•
Adjustable hysteresis (standard) und time delay (Option).
•
Secure against short-circuits and terminal reversal, up to 40
VDC over-voltage at all inputs; fulfils all EMC-EC norms for
industrial environments (EN500082/IEC801).
Overview
For DIN-Rails
Type
Input
Supply
Config.
Features
COM 90-1
V, 0/4-20mA
21-30V
progr.
With one relay
COM 90-2
V, 0/4-20mA
21-30V
progr.
With two relays
General
These DIN-rail modules possess two front-plate potentiometers for the two thresholds and three status LEDs, input
values below “low” threshold, between “low” and “high” (window) and above “high”. The optional relay has tree
2.8mm flat connectors on the top of the module, for which corresponding screw terminal connectors are available
(type lmi 205 203 01).
Upon request, relay 2 can also be connected between screw terminals 5 and 6 (instead of the flat connectors). In
that case only two single contacts are available for each relay.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com