Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90 Datasheet(PDF) 7 Page - ASM GmbH

Part # COM90
Description  Doppel-Grenzwertschalter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

COM90 Datasheet(HTML) 7 Page - ASM GmbH

Back Button COM90 Datasheet HTML 2Page - ASM GmbH COM90 Datasheet HTML 3Page - ASM GmbH COM90 Datasheet HTML 4Page - ASM GmbH COM90 Datasheet HTML 5Page - ASM GmbH COM90 Datasheet HTML 6Page - ASM GmbH COM90 Datasheet HTML 7Page - ASM GmbH COM90 Datasheet HTML 8Page - ASM GmbH COM90 Datasheet HTML 9Page - ASM GmbH COM90 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ASM GmbH
DAB-COM90-E-05
Tel.: 08123/986-0
Fax: 08123/986-500
www.asm-sensor.de
2
Technical Data
Specifications (Max. values at 23°C, unless otherwise stated)
Imput Impedance
Unit
0-20 mA, typ./max.
1
90/105
Ohm
0-400 mV, typ.
100
MOhm
0-10 V
250
kOhm
Switching Threshold
Unit
Adjustability via 12-turn potentiometer
0.02
%
Temperature drift, max.
200
ppm/K
Switching limit adjustment range
1-105
%
Hysteresis adjustment range, typ.
0.1-2.5
%
Dynamic Response
Unit
Response time, max.
50
ms
Adjustment range of time delay
3, typ. (option)
0.04-1
s
Relays
Unit
max. Switch voltage
2
250/220
VAC/DC
max. contact current/switch current
2
A
max. switching capacity
24/60
W/VA
Test voltage with intermittently open contacts
1000
VAC
Contact-coil test voltage
1500
VAC
Supply
Unit
Max. Current requirement
80
mA
min./max. supply voltage
20/30
VDC
1 Input impedance increases form 60°C (current limit with PTC at ca. 150 mA)
2 Gold plated relay contacts also for uV/uA-loads
3 Option: Other delay times up to max. 5 sec. Available on request. Asymmetrical operation also available on
request.
Temperature range °C: recommended: 0/60 °C
functional: -20/90 °C
Warning:
The specification quoted is only for ohmic loads. Overvoltages occur when switching inductive loads (e.g. coils,
transformers, motors) which can lead to EMC problems and, in certain cases, to the destruction of the relay
contact. Appropriate measures (e.g. RC-circuits or varistors) must be taken to suppress these overvoltage spikes at
the load.
Connection, Dimensions and Potentiometers



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com