Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90 Datasheet(PDF) 10 Page - ASM GmbH

Part # COM90
Description  Doppel-Grenzwertschalter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

COM90 Datasheet(HTML) 10 Page - ASM GmbH

Back Button COM90 Datasheet HTML 2Page - ASM GmbH COM90 Datasheet HTML 3Page - ASM GmbH COM90 Datasheet HTML 4Page - ASM GmbH COM90 Datasheet HTML 5Page - ASM GmbH COM90 Datasheet HTML 6Page - ASM GmbH COM90 Datasheet HTML 7Page - ASM GmbH COM90 Datasheet HTML 8Page - ASM GmbH COM90 Datasheet HTML 9Page - ASM GmbH COM90 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ASM GmbH
DAB-COM90-E-05
Tel.: 08123/986-0
Fax: 08123/986-500
www.asm-sensor.de
5
10k
20
V
16
I
Low comp.
Hyst. L
Hyst. H
High comp.
Option
DC
DC
240k
70
2-pos. contrl.
Window comp.
Delay (option)
Inversion
-1
-1
High threshold
Low threshold
Signal- (GND)
Signal+ (V / I)
Us- (0V)
Us+ (24V)
1
2
4
3
3
2
5
4
910
11
Relay 2
(option)
5
6
7
8
Block Diagram COM90-1 and –2.
Illustrated relay status: no current (released),
Relay status in operation (no inversion, i.e. switches 4 and 5 “off”)
Relay 1 pulled-in, input < low or outside of window
Relay 2 pulled-in, input < high
Version KTE: Relay 1 connected with terminals 7 and 8, relay 2 with terminals 5 and 6 (one contact each)
Important note:
ASM GmbH is continually working to improve the quality and reliability of its products. MTBF (using MIL217) is well
above 10 years (in most cases even more than 100 years). Nevertheless, electronic devices in general can
malfunction or fail due to their inherent physical and chemical properties. It is the responsibility of the buyer, when
utilizing ASM GmbH products, to observe standards of safety and to avoid a situation in which a malfunction or
failure of a device could cause loss of human life, injuries or damage to properties.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com